Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F651 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F651
Description  Transceivers/Registers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F651 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F651 Datasheet HTML 1Page - National Semiconductor (TI) 74F651 Datasheet HTML 2Page - National Semiconductor (TI) 74F651 Datasheet HTML 3Page - National Semiconductor (TI) 74F651 Datasheet HTML 4Page - National Semiconductor (TI) 74F651 Datasheet HTML 5Page - National Semiconductor (TI) 74F651 Datasheet HTML 6Page - National Semiconductor (TI) 74F651 Datasheet HTML 7Page - National Semiconductor (TI) 74F651 Datasheet HTML 8Page - National Semiconductor (TI) 74F651 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9581
December 1994
54F74F651
 54F74F652
TransceiversRegisters
General Description
These devices consist of bus transceiver circuits with
D-type flip-flops and control circuitry arranged for multi-
plexed transmission of data directly from the input bus or
from internal registers Data on the A or B bus will be
clocked into the registers as the appropriate clock pin goes
to HIGH logic level Output Enable pins (OEAB OEBA) are
provided to control the transceiver function
Features
Y
Independent registers for A and B buses
Y
Multiplexed real-time and stored data
Y
Choice of non-inverting and inverting data paths
’F651 inverting
’F652 non-inverting
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F651SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F651SDM (Note 2)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
74F651SC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
54F651FM (Note 2)
W24C
24-Lead Cerpack
54F651LM (Note 2)
E28A
24-Lead Ceramic Leadless Chip Carrier Type C
74F652SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F652SDM (Note 2)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
74F652SC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
54F652FM (Note 2)
W24C
24-Lead Cerpack
54F652LM (Note 2)
E28A
24-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Connection Diagrams
Pin Assignment
DIP SOIC and Flatpak
TLF9581 – 3
Pin Assignment
for LCC
TLF9581 – 4
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F651

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
Transceivers/Registers
logo
NXP Semiconductors
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
Transceivers/registers
1999 Jun 23
logo
Fairchild Semiconductor
74F651SC FAIRCHILD-74F651SC Datasheet
73Kb / 8P
Transceivers/Registers
74F651SPC FAIRCHILD-74F651SPC Datasheet
73Kb / 8P
Transceivers/Registers
More results

Similar Description - 74F651

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
Transceivers/registers
1999 Jun 23
logo
Texas Instruments
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651 Datasheet
383Kb / 9P
OCTAL BUS TRANSCEIVERS AND REGISTERS
logo
Fairchild Semiconductor
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
Octal Transceivers and Registers with 3-STATE Outputs
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
Transceivers/Registers
74F652 FAIRCHILD-74F652 Datasheet
71Kb / 8P
Transceivers/Registers
logo
Texas Instruments
SN74BCT2420 TI-SN74BCT2420 Datasheet
183Kb / 12P
NuBus ADDRESS/DATA TRANSCEIVERS AND REGISTERS
SNJ54ABT646A TI-SNJ54ABT646A Datasheet
436Kb / 21P
OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
OCTAL BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com