Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS165 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS165
Description  8-Bit Parallel Shift Registers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS165 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS165 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS165 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS165 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS165 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS165 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS165 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS165 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS165 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS165 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS165/UT54ACTS165
8-Bit Parallel Shift Registers
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
Complementary outputs
Direct overriding load (data) inputs
Gated clock inputs
Parallel-to-serial data conversions
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS165 - SMD 5962-96558
UT54ACTS165 - SMD 5962-96559
DESCRIPTION
The UT54ACS165 and the UT54ACTS165 are 8-bit serial shift regis-
ters that, when clocked, shift the data toward serial output QH. Parallel-
in access to each stage is provided by eight individual data inputs that
are enabled by a low level at the SH/LD input. The devices feature a
clock inhibit function and a complemented serial output QH .
Clocking is accomplished by a low-to-high transition of the CLK input
while SH/LD is held high and CLK INH is held low. The functions of
the CLK and CLK INH (clock inhibit) inputs are interchangeable. Since
a low CLK input and a low-to-high transition of CLK INH will also
accomplish clocking, CLK INH should be changed to the high level
only while the CLK input is high. Parallel loading is disabled when
SH/LD is held high. Parallel inputs to the registers are enabled while
SH/LD is low independently of the levels of CLK, CLK INH or SER
inputs.
The devices are characterized over full military temperature range of
-55
°C to +125°C.
FUNCTION TABLE
Note:
1. Qn = The state of the referenced output one setup time prior to the Low-to-
High clock transition.PINOUTS
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
LOGIC SYMBOL
INPUTS
INTERNAL
OUTPUTS
OUTPUTS
SH/
LD
CLK
INH
CLK SER PARALLEL
A . . . H
QA
QB
QH
QH
L
X
X
X
a . . . h
a
b
h
h
H
L
L
X
X
QA
QB
QH
QH
H
L
↑
H
X
H
QA
QG
QG
H
L
↑
L
X
L
QA
QG
QG
H
H
X
X
X
QA
QB
QH
QH
1
2
3
4
5
7
6
16
15
14
13
12
10
11
SH/LD
CLK
E
F
G
H
QH
VDD
CLK INH
D
C
B
A
SER
8
9
VSS
QH
1
2
3
4
5
7
6
16
15
14
13
12
10
11
VDD
89
SH/LD
CLK
E
F
G
H
QH
CLK INH
D
C
B
A
SER
VSS
QH
(1)
SH/LD
(15)
CLK INH
C2/
C1 (LOAD)
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
(10)
SER
(11)
A
SRG8
(9)
QH
(7)
QH
≥1
(2)
CLK
2D
1D
(12)
B
(13)
C
(14)
D
(3)
E
(4)
F
(5)
G
(6)
H
1D
1D


Similar Part No. - UT54ACTS165

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS163 AEROFLEX-UT54ACTS163 Datasheet
255Kb / 10P
4-Bit Synchronous Counters
UT54ACTS164 AEROFLEX-UT54ACTS164 Datasheet
246Kb / 10P
8-Bit Shift Registers
UT54ACTS164E AEROFLEX-UT54ACTS164E Datasheet
158Kb / 9P
8-Bit Shift Registers
UT54ACTS169 AEROFLEX-UT54ACTS169 Datasheet
267Kb / 11P
4-Bit Up-Down Binary Counters
More results

Similar Description - UT54ACTS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54165 TI-SN54165 Datasheet
199Kb / 13P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
logo
Aeroflex Circuit Techno...
UT54ACS165E AEROFLEX-UT54ACS165E Datasheet
162Kb / 9P
8-Bit Parallel Shift Registers
logo
Texas Instruments
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com