Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS191 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT54ACS191
Description  Synchronous 4-Bit Up-Down Binary Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS191 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT54ACS191 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS191 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FUNCTION TABLE
LOGIC SYMBOL
LOGIC DIAGRAM
FUNCTION
LOAD
CTEN
D/U
CLK
Count Up
H
L
L
↑
Count Down
H
L
H
↑
Asynchronous
Reset
L
X
X
X
No Change
H
H
X
X
(4)
CTEN
(5)
D/U
M3 (UP)
G1
CTRDIV 16
(14)
CLK
(15)
A
(1)
B
(10)
C
(9)
D
(12)
MAX/MIN
(3)
QA
(7)
QD
1,2 -/1,3+
(6)
QC
(2)
QB
5D
(1)
(2)
(4)
(8)
2(CT=0)Z6
M2 (DWN)
G4
3(CT=9)Z6
(11)
LOAD
C5
(13)
RCO
6,1,4
±7
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
CLK
D/U
CTEN
LOAD
(11)
(9)
(10)
(1)
(4)
S
R
1J
C1
1K
(7)
(6)
(2)
(3)
(13)
(12)
QD
QC
QB
QA
MAX/MIN
RCO
A
B
C
D
(15)
(5)
(14)
S
R
1J
C1
1K
S
R
1J
C1
1K
R
1J
C1
1K
S
Q
Q
Q
Q
Q
Q
Q
Q



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com