Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM7446A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM7446A
Description  BCD to 7-Segment Decoders/Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM7446A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM7446A Datasheet HTML 1Page - National Semiconductor (TI) DM7446A Datasheet HTML 2Page - National Semiconductor (TI) DM7446A Datasheet HTML 3Page - National Semiconductor (TI) DM7446A Datasheet HTML 4Page - National Semiconductor (TI) DM7446A Datasheet HTML 5Page - National Semiconductor (TI) DM7446A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6518
June 1989
DM7446A DM5447ADM7447A
BCD to 7-Segment DecodersDrivers
General Description
The 46A and 47A feature active-low outputs designed for
driving common-anode LEDs or incandescent indicators di-
rectly All of the circuits have full ripple-blanking inputout-
put controls and a lamp test input Segment identification
and resultant displays are shown on a following page Dis-
play patterns for BCD input counts above nine are unique
symbols to authenticate input conditions
All of the circuits incorporate automatic leading andor trail-
ing-edge zero-blanking control (RBI and RBO) Lamp test
(LT) of these devices may be performed at any time when
the BIRBO node is at a high logic level All types contain
an overriding blanking input (BI) which can be used to con-
trol the lamp intensity (by pulsing) or to inhibit the outputs
Features
Y
All circuit types feature lamp intensity modulation
capability
Y
Open-collector outputs drive indicators directly
Y
Lamp-test provision
Y
Leadingtrailing zero suppression
Connection Diagram
Dual-In-Line Package
TLF6518 – 1
Order Number DM5447AJ DM7446AN or DM7447AN
See NS Package Number J16A or N16E
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM7446A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7446A FAIRCHILD-DM7446A Datasheet
52Kb / 6P
BCD to 7-Segment Decoders/Drivers
DM7446AN FAIRCHILD-DM7446AN Datasheet
52Kb / 6P
BCD to 7-Segment Decoders/Drivers
More results

Similar Description - DM7446A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS247 MOTOROLA-SN54LS247 Datasheet
280Kb / 8P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Texas Instruments
SN54246 TI-SN54246 Datasheet
423Kb / 11P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Fairchild Semiconductor
DM7446A FAIRCHILD-DM7446A Datasheet
52Kb / 6P
BCD to 7-Segment Decoders/Drivers
logo
Texas Instruments
SN54LS347 TI-SN54LS347 Datasheet
178Kb / 3P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
BCD to 7-Segment Decoders/Drivers
logo
Texas Instruments
74LS47DE4 TI1-74LS47DE4 Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47DR TI1-SN74LS47DR Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247NE4 TI1-SN74LS247NE4 Datasheet
931Kb / 12P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN7447ANE4 TI1-SN7447ANE4 Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN5446A TI1-SN5446A_15 Datasheet
1Mb / 26P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com