Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM7447A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM7447A
Description  BCD to 7-Segment Decoders/Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM7447A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM7447A Datasheet HTML 1Page - National Semiconductor (TI) DM7447A Datasheet HTML 2Page - National Semiconductor (TI) DM7447A Datasheet HTML 3Page - National Semiconductor (TI) DM7447A Datasheet HTML 4Page - National Semiconductor (TI) DM7447A Datasheet HTML 5Page - National Semiconductor (TI) DM7447A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
’46A Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL e 15 pF
100
ns
Low to High Level Output
RL e 120X
tPHL
Propagation Delay Time
100
ns
High to Low Level Output
Recommended Operating Conditions
Symbol
Parameter
DM5447A
DM7447A
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
VOH
High Level Output
15
15
V
Voltage (a thru g)
IOH
High Level Output
b
02
b
02
m
A
Current (BIRBO)
IOL
Low Level Output
40
40
mA
Current (a thru g)
IOL
Low Level Output
88
mA
Current (BIRBO)
TA
Free Air Operating Temperature
b
55
125
0
70
C
’47A Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min
24
37
V
Voltage (BIRBO)
IOH e Max
ICEX
High Level Output
VCC e Max VO e 15V
250
m
A
Current (a thru g)
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
03
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
IIL
Low Level Input
VCC e Max
BIRBO
b
4
mA
Current
VI e 04V
Others
b
16
IOS
Short Circuit
VCC e Max (BIRBO)
b
4mA
Output Current
ICC
Supply Current
VCC e Max
DM54
60
85
mA
(Note 2)
DM74
60
103
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
ICC is measured with all outputs open and all inputs at 45V
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com