Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F652 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F652
Description  Transceivers/Registers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F652 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F652 Datasheet HTML 1Page - National Semiconductor (TI) 74F652 Datasheet HTML 2Page - National Semiconductor (TI) 74F652 Datasheet HTML 3Page - National Semiconductor (TI) 74F652 Datasheet HTML 4Page - National Semiconductor (TI) 74F652 Datasheet HTML 5Page - National Semiconductor (TI) 74F652 Datasheet HTML 6Page - National Semiconductor (TI) 74F652 Datasheet HTML 7Page - National Semiconductor (TI) 74F652 Datasheet HTML 8Page - National Semiconductor (TI) 74F652 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Logic Symbols
IEEEIEC
’F651
TLF9581 – 1
’F651
TLF9581 – 2
IEEEIEC
’F652
TLF9581 – 10
’F652
TLF9581 – 11
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
A0–A7 B0–B7 A and B Inputs
1010
20 mA b06 mA
TRI-STATE Outputs 6001066 (80) b12 mA64 mA (48 mA)
CPAB CPBA
Clock Inputs
1010
20 mA b06 mA
SAB SBA
Select Inputs
1010
20 mA b06 mA
OEAB OEBA
Output Enable Inputs
1010
20 mA b06 mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com