Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG541AP/883 Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # DG541AP/883
Description  Wideband/Video T Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG541AP/883 Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button DG541AP/883 Datasheet HTML 2Page - TEMIC Semiconductors DG541AP/883 Datasheet HTML 3Page - TEMIC Semiconductors DG541AP/883 Datasheet HTML 4Page - TEMIC Semiconductors DG541AP/883 Datasheet HTML 5Page - TEMIC Semiconductors DG541AP/883 Datasheet HTML 6Page - TEMIC Semiconductors DG541AP/883 Datasheet HTML 7Page - TEMIC Semiconductors DG541AP/883 Datasheet HTML 8Page - TEMIC Semiconductors DG541AP/883 Datasheet HTML 9Page - TEMIC Semiconductors DG541AP/883 Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DG540/541/542
8
Siliconix
S-53694—Rev. E, 28-May-97
Test Circuits (Cont’d)
S2
S3
S4
X
TALK(AH) + 20 log10
V
OUT
V
IN
VO
10
W
RL
75
W
INX
S1
V+
V–
+15 V
–15 V
C
C
GND
2.4 V
D2
D3
D1
D4
RL
RL
RL
Figure 6.
All Hostile Crosstalk
Applications
Device Description
The DG540/541/542 family of wideband switches offers
true bidirectional switching of high frequency analog or
digital signals with minimum signal crosstalk, low insertion
loss, and negligible non-linearity distortion and group
delay.
Built on the Siliconix D/CMOS process, these “T” switches
provide excellent off-isolation with a bandwidth of around
500 MHz (350 MHz for DG541). Silicon-gate D/CMOS
processing also yields fast switching speeds.
An
on-chip
regulator
circuit
maintains
TTL
input
compatibility over the whole operating supply voltage
range, easing control logic interfacing.
Circuit layout is facilitated by the interchangeability of
source and drain terminals.
Frequency Response
A single switch on-channel exhibits both resistance
[rDS(on)] and capacitance [CS(on)]. This RC combination has
an attenuation effect on the analog signal – which is
frequency dependent (like an RC low-pass filter). The
–3-dB bandwidth of the DG540 is typically 500 MHz (into
50
W). This measured figure of 500 MHz illustrates that
the switch channel can not be represented by a two stage RC
combination. The on capacitance of the channel is
distributed along the on-resistance, and hence becomes a
more complex multi stage network of R’s and C’s making
up the total rDS(on) and CS(on). See Application Note AN502
for more details.
Off-Isolation and Crosstalk
Off-isolation and crosstalk are affected by the load
resistance
and
parasitic
inter-electrode
capacitances.
Higher off-isolation is achieved with lower values of RL.
However, low values of RL increase insertion loss requiring
gain adjustments down the line. Stray capacitances, even a
fraction of 1 pF, can cause a large crosstalk increase. Good
layout and ground shielding techniques can considerably
improve your ac circuit performance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com