Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM1608 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM1608
Description  64Kb Bytewide FRAM Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1608 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM1608 Datasheet HTML 1Page - Ramtron International Corporation FM1608 Datasheet HTML 2Page - Ramtron International Corporation FM1608 Datasheet HTML 3Page - Ramtron International Corporation FM1608 Datasheet HTML 4Page - Ramtron International Corporation FM1608 Datasheet HTML 5Page - Ramtron International Corporation FM1608 Datasheet HTML 6Page - Ramtron International Corporation FM1608 Datasheet HTML 7Page - Ramtron International Corporation FM1608 Datasheet HTML 8Page - Ramtron International Corporation FM1608 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ramtron
FM1608
28 July 2000
2/12
Figure 1. Block Diagram
Pin
Description
Pin Name
Pin Number
I/O
Pin Description
A0-A12
2-10, 21, 23-25
I
Address. The 13 address lines select one of 8,192 bytes in the FRAM
array. The address value will be latched on the falling edge of /CE.
DQ0-7
11-13, 15-19
I/O
Data. 8-bit bi-directional data bus for accessing the FRAM array.
/CE
20
I
Chip Enable. /CE selects the device when low. The falling edge of /CE
causes the address to be latched internally. Address changes that
occur after /CE goes low will be ignored until the next falling edge
occurs.
/OE
22
I
Output Enable. When /OE is low the FM1608 drives the data bus when
valid data is available. Taking /OE high causes the DQ pins to be tri-
stated.
/WE
27
I
Write Enable. Taking /WE low causes the FM1608 to write the contents
of the data bus to the address location latched by the falling edge of
/CE.
VDD
28
I
Supply Voltage. 5V
VSS
14
I
Ground.
Functional Truth Table
/CE
/WE
/OE
Function
H
X
X
Standby/Precharge
æ
X
X
Latch Address
L
H
L
Read
L
L
X
Write
Address
Latch
A0-A12
CE
Control
Logic
WE
Row
Decoder
Block Decoder
Column Decoder
1Kx8
A0-A7
A8-A9
A10-A12
I/O Latch
Bus Driver
OE
DQ0-7
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8
1Kx8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com