Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA19 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA19
Description  TRANSIL??ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA19 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA19 Datasheet HTML 1Page - STMicroelectronics ESDA19 Datasheet HTML 2Page - STMicroelectronics ESDA19 Datasheet HTML 3Page - STMicroelectronics ESDA19 Datasheet HTML 4Page - STMicroelectronics ESDA19 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESDA17/19-5SC6
2/5
Symbol
Test conditions
Value
Unit
VPP
ESD discharge - IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
±15
±8
kV
PPP
Peak pulse power dissipation (8/20
µs)
Note 1
Tj initial = Tamb
150
W
Tj
Junction temperature
125
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10s at 5mm for
case
260
°C
Top
Operating temperature range
-40 to +125
°C
Note 1: For a surge greater than the maximum values, the diode will fail in short-circuit.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
I
VBR
VCL
VRM
IPP
IRM
V
Rd
IF
VF
Type
VBR
@IR
IRM @VRM
Rd
αTC
VF @IF
min.
max.
max.
typ.
max.
note 1
note 2
0V bias
V
V
mA
nA
V
Ω
10
-4/°C
pF
V
mA
ESDA17-5SC6
17
19
1
75
14
1
10
33
1.2
10
ESDA19-5SC6
19
21
1
100
15
1
8.5
33
1.2
10
Note 1 : Square pulse, Ipp = 15A, tp=2.5
µs.
Note 2:
∆ VBR = αT* (Tamb-25°C) * VBR(25°C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com