Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT8SF2M32
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT8SF2M32 Datasheet HTML 1Page - Aeroflex Circuit Technology UT8SF2M32 Datasheet HTML 2Page - Aeroflex Circuit Technology UT8SF2M32 Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SF2M32 Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SF2M32 Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SF2M32 Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SF2M32 Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M32 Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M32 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
Note:
1. DQ[51:32] are ignore during write and tri-stated during read activities unless EDACEN is deselected. (See Read Access Error Correction and Detection page 6.)
2. Reference application note AN-MEM-004 for additional READY signal information.
3. DC inputs are established at power up and cannot be switched while power is applied to the device.
4. Reference application note AN-MEM-05 for JTAG operations. JTAG operations are intended for terrestrial use and not guaranteed in radiation environment.
NUIL
Not used Input Low: Pins designated as NUIL need to be externally
connected by user to VSS Q through a >10kΩ±10% resistor.
--
NUIH
Not used Input High: Pins designated as NUIH need to be externally
connected by user to VDDQ through a >10kΩ±10% resistor.
--
NC
No Connects. Not internally connected to the die.
---
TDO4
JTAG circuit serial data output. Package pin requires a pull-up through
>10kΩ±10% resistor to VDDQ.
JTAG Serial Output
Synchronous
TDI4
JTAG circuit serial data input. Device pin internally connected through a
75kΩ±10% resistor to VDDQ.
JTAG Serial Input
Synchronous
TMS4
JTAG controller Test Mode Select. Device pin internally connected through
a 75kΩ±10% resistor to VDDQ.
Test Mode Select
Synchronous
TCK4
JTAG circuit Clock input. Package pin requires a pull-up through
>10kΩ±10% resistor to VDDQ.
JTAG Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com