Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MSPC Datasheet(PDF) 27 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MSPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MSPC Datasheet(HTML) 27 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MSPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT8SF2M32MSPC Datasheet HTML 20Page - Aeroflex Circuit Technology UT8SF2M32MSPC Datasheet HTML 21Page - Aeroflex Circuit Technology UT8SF2M32MSPC Datasheet HTML 22Page - Aeroflex Circuit Technology UT8SF2M32MSPC Datasheet HTML 23Page - Aeroflex Circuit Technology UT8SF2M32MSPC Datasheet HTML 24Page - Aeroflex Circuit Technology UT8SF2M32MSPC Datasheet HTML 25Page - Aeroflex Circuit Technology UT8SF2M32MSPC Datasheet HTML 26Page - Aeroflex Circuit Technology UT8SF2M32MSPC Datasheet HTML 27Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
27
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
10/2/2014 Page 11: Added Operational Environment table.
Page 12: Added IIN paramter for EDACEN, TDI, and TMS pins. DC ELECTRICAL
CHARACTERISTICS table
Page 16: Corrected min tCYC in Shutdown and Sleep Mode Characteristics table
Page 23 and 24: Updated SMD and Ordering Info sections.
As noted
MJL
3/18/2015
Ver. 1.8.0
Page 1: Clock-to-ouput time changed from 11.5ns to 12ns. Added SMD Designator.
Page 8: Added pinout R7 and R8 to Table 4.
Page 10: Changed pinout R7 and R8 from VSS to NUIL
Page 11: Changed PD from 10 W to 15 W
Page 12: SCRUBEN Device Pin added to Condition column of parameters IIN1 and IIN2
in the DC ELECTRICAL CHARACTERISTICS table
Page 14: The minimum setup times for parameters
tCENS, tWES, and tCSS have
changed from 2.5ns to 3ns, and the maximum output time
for tCQV and tCMV1
changed from 11.5ns to 12ns and tCMV2 changed from 12.5ns to 13ns in the AC
ELECTRICAL CHARACTERISTICS table.
Page 16: Minimum number of tCYC changed from 1 tCYC to 2 tCYC for tSHTDWNS
parameter in the SHUTDOWN AND SLEEP MODE CHARACTERISTICS
TABLE
Pages 20 and 21: Corrected bottom view orientation of package diagram.
Page 24: A correction the Lead Finish section of the SMD ordering encoder page. The
Solder lead finish designator was changed from "A" to "F". Added SMD
designator
April
2015
Ver. 1.9.4
Page 8: Added pinout R13, R14, and R16 to Table 4.
Page 10: Changed pinout R13, R14, and R16 from VSS to NUIL, and P8 from VSS to
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com