Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MZFA Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MZFA
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MZFA Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MZFA Datasheet HTML 12Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 13Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 14Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 15Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 16Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 17Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 18Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 19Page - Aeroflex Circuit Technology UT8SF2M32MZFA Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
16
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
SHUTDOWN AND SLEEP MODE CHARACTERISTICS (Pre and Post-Radiation)*
(VDD= 2.3V to VDDQ, VDDQ = 2.3 to 3.6V; Unless otherwise noted TC is for temperature range ordered.)
Notes:
* For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is guaranteed at 25oC per MIL-STD-883 Method 1019,
Condition A up to the maximum TID level procured
1. The clock must start up prior to exiting sleep or shutdown modes. Parameter is guaranteed by design.
2. TCR is necessary anytime the clock is stopped, after initial power on, or exiting shutdown mode.
3. Tested functionally.
4. Guaranteed by design.
PARAMETER
DESCRIPTION
CONDITION
MIN
MAX
UNIT
tZZS3
Device operation to SLEEP mode
ΖΖ > VIH
1 tCYC
ns
tZZH3
SLEEP high pulse width
ΖΖ > VIH
100
μs
tZZL3
SLEEP low pulse width
ΖΖ < VIH
100
μs
tSHTDWNS3
Device operation to SHUTDOWN
SHUTDOWN
> VIH
2 tCYC
ns
tZZREC3
SLEEP recovery time
STANDBY < VIL
100 +
(3*tCYC)
ns
tSHTDWNREC1,3 SHUTDOWN recovery time
SHUTDOWN < VIL
50
μs
tZZI4
Active to SLEEP current
ΖΖ > VIH
100 +
(3*tCYC)
ns
tSHTDWNI4
Active to SHUTDOWN current
SHUTDOWN
> VIH
250
ns
tRZZI4
Time to exit SLEEP current mode
STANDBY < VILNotes
0ns
tRSHTDWNI4
Time to exit SHUDOWN current
mode
SHUTDOWN < VIL
0ns
tCR1,2,3
Clock recovery prior to exiting ZZ
ΖΖ > VIH
20
μs
tRLRH
RESET low to high time
Shutdown < VIL
1
μs
tPDS3
SLEEP setup time prior to CLK
2.0
ns
tPDH3
SLEEP hold time after CLK
0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com