Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MSFA Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MSFA
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MSFA Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MSFA Datasheet HTML 10Page - Aeroflex Circuit Technology UT8SF2M32MSFA Datasheet HTML 11Page - Aeroflex Circuit Technology UT8SF2M32MSFA Datasheet HTML 12Page - Aeroflex Circuit Technology UT8SF2M32MSFA Datasheet HTML 13Page - Aeroflex Circuit Technology UT8SF2M32MSFA Datasheet HTML 14Page - Aeroflex Circuit Technology UT8SF2M32MSFA Datasheet HTML 15Page - Aeroflex Circuit Technology UT8SF2M32MSFA Datasheet HTML 16Page - Aeroflex Circuit Technology UT8SF2M32MSFA Datasheet HTML 17Page - Aeroflex Circuit Technology UT8SF2M32MSFA Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
AC CHARACTERISTICS (Pre and Post-Radiation)*
(VDD= 2.3V to VDDQ, VDDQ = 2.3 to 3.6V; Unless otherwise noted, Tc is per the temperature range ordered.)1
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
tPowerup2
VDD to first valid command (READ or WRITE)
100
ms
Clock
tCYC
Clock (CLK) cycle time
12.5
25.0
ns
tCH
CLK HIGH time
0.4 * tCYC
0.6 * tCYC
ns
tCL
CLK LOW time
0.4 * tCYC
0.6 * tCYC
ns
tr, tf2
Input clock rise/fall time (10-90%)
2.25
V/ns
tclkPJ3,5
Input clock period jitter
-100
100
ps
tclkCCJ3,5
Input clock cycle to cycle jitter
150
ps
Setup Times
tAS
Address setup time prior to CLK
2.5
ns
tDS
Data setup time prior to CLK
1.5
ns
tCENS
Clock enable (CEN) setup time prior to CLK
3
ns
tWES
Write enable (WE) setup time prior to CLK
3
ns
tADVLDS
Advance load (ADV_LD) setup time prior to CLK
2.5
ns
tCSS
Chip select (CSx) setup time prior to CLK
3
ns
Hold Times
tAH
Address hold time after CLK
1.2
ns
tDH
Data hold time after CLK
1.4
ns
tCENH
CEN hold time after CLK
1.2
ns
tWEH
WE hold time after CLK
1.5
ns
tADVLDH
ADV_LD hold time after CLK
0.9
ns
tCSH
CSx hold time after CLK
1.8
ns
Output Times
tCQV4
Data valid after rising CLK
12
ns
tOEQV4
Output enable (OE) active to data valid
4.0
ns
tCQOH
Data output hold time after rising CLK
3.0
ns
tCQZ5
Rising CLK to output three-state time
5.0
ns
tCQX5
Rising CLK to output enable time
1.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com