Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA85 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA85
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA85 Datasheet(HTML) 2 Page - Cirrus Logic

  PA85 Datasheet HTML 1Page - Cirrus Logic PA85 Datasheet HTML 2Page - Cirrus Logic PA85 Datasheet HTML 3Page - Cirrus Logic PA85 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
450V
OUTPUT CURRENT, continuous within SOA
200mA
POWER DISSIPATION, continuous @ T
C = 25°C
2
30W
INPUT VOLTAGE, differential
±25V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s max
300°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
PA85 • PA85A
SPECIFICATIONS
PA85
PA85A
PARAMETER
TEST CONDITIONS 1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
.5
2
.25
.5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
10
30
5
10
µV/°C
OFFSET VOLTAGE, vs. supply
3
10
*
*
µV/V
OFFSET VOLTAGE, vs. time
75
*
µV/√kh
BIAS CURRENT, initial3
5
50
3
10
pA
BIAS CURRENT, vs. supply
.01
*
pA/V
OFFSET CURRENT, initial3
10
100
3
30
pA
INPUT IMPEDANCE, DC
1011
*
Ω
INPUT CAPACITANCE
4
*
pF
COMMON MODE VOLTAGE RANGE4
±V
S–15
*
V
COMMON MODE REJECTION, DC
V
CM = ±90V
90
110
*
*
dB
NOISE
100kHz BW, R
S = 1KΩ, CC = 10pf
1
*
µVrms
GAIN
OPEN LOOP, @ 15Hz
R
L = 2KΩ, CC = OPEN
96
111
*
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz R
L = 2KΩ, CC = 3.3pf
100
*
MHz
POWER BANDWIDTH
C
C = 10pf
300
*
kHz
C
C = 3.3pf
500
*
kHz
PHASE MARGIN
Full temperature range
60
*
°
OUTPUT
VOLTAGE SWING4
I
O = ±200mA
±Vs–10 ±Vs–6.5
*
*
V
VOLTAGE SWING4
I
O = ±75mA
±V–8.5 ±Vs–6.0
*
*
V
VOLTAGE SWING4
I
O = ±20mA
±V–8.0 ±Vs–5.5
*
*
V
CURRENT, continuous
T
C = 85°C
±200
*
mA
SLEW RATE, A
V = 20
C
C = 10pf
400
*
V/µs
SLEW RATE, A
V = 100
C
C = OPEN
1000
700
*
V/µs
CAPACITIVE LOAD, A
V = +1
Full temperature range
470
*
*
pf
SETTLING TIME to .1%
C
C = 10pf, 2V step
1
*
µs
RESISTANCE, no load
R
CL = 0
50
*
Ω
POWER SUPPLY
VOLTAGE6
Full temperature range
±15
±150
±225
*
*
*
V
CURRENT, quiescent
21
25
*
*
mA
THERMAL
RESISTANCE, AC, junction to case5
Full temperature range, F > 60Hz
2.5
*
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F < 60Hz
4.2
*
°C/W
RESISTANCE, junction to air
Full temperature range
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
*
*
°C
NOTES: *
The specification of PA85A is identical to the specification for PA85 in applicable column to the left.
1. Unless otherwise noted: T
C = 25°C, compensation = CC = 68pF, RC = 100Ω. DC input specifications are ± value given. Power
supply voltage is typical rating.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF. Ratings apply only to output transistors. An additional 10W may be dissipated due to quiescent power.
3. Doubles for every 10°C of temperature increase.
4. +V
S and –VS denote the positive and negative power supply rail respectively.
5. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
6. Derate max supply rating .625 V/°C below 25°C case. No derating needed above 25°C case.
The PA85 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com