Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M40 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT8SF2M40
Description  UT8SF2M40 80Megabit Flow-thru SSRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M40 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT8SF2M40 Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SF2M40 Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SF2M40 Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SF2M40 Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SF2M40 Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M40 Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M40 Datasheet HTML 9Page - Aeroflex Circuit Technology UT8SF2M40 Datasheet HTML 10Page - Aeroflex Circuit Technology UT8SF2M40 Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
36-00-01-00
5
Ver. 1.0.0
Aeroflex Microelectronics Solutions - HiRel
Changing Clock Frequencies
The CLK input frequency should be established at a power on,
and may only be changed while in SLEEP mode (reference
Table 6).
External Connections
A precision 25kohm < +0.2% low TCR < 25ppm/oC resistor is
required to be connected between device pin EXTRES (R15)
and VSS.
In order to ensure proper operation in conjunction with JTAG
boundary scan (reference applications note MEM-AN-005),
Aeroflex requires that specific package pins be biased through
soft connections to either VDDQ or VSSQ. Table 5 is a list of
these required external biases.
Notes:
1. NUIL = Not Used Input Low
2. NUIH = Not Used Input High
3. Aeroflex recommends connecting all DQ[47:0] to either VDDQ or VSSQ
through >10kΩ resistors.
Notes:
* All chip selects active when L, at least one chip select inactive when H
1. X = “Don't Care”, H = Logic HIGH, L = Logic LOW.
2. Write is defined by WE and BWEx
3. When a Write cycle is detected, all I/Os are tri-stated.
4. The DQ pins are controlled by the current cycle and the OE signal.
5. CEN = H inserts wait states.
6. Device will power-up deselected and the I/Os in a tri-state condition, regardless of OE.
7. OE is asynchronous and is not sampled with the clock rise. It is masked internally
during Write cycles. During a Read cycle DQs = tri-state when OE is inactive or when
the device is deselected and DQs = data when OE is active.
Table 5. External Bias Conditions
Signal Name
Package Pin
Bias Condition
NUIL1
H1, H20, N1, N2,
N19, N20, P13,
R7, R8, R10, R12,
R13, R14, R16
>10kΩ to VSSQ
NUIH2
P16, R8
>10kΩ to VDDQ
TDO
R5
>10kΩ to VDDQ
TCK
R9
>10kΩ to VSSQ
DQ[47:0]3
ref Table 7
>10kΩ to VDDQ or
VSSQ
Table 6: Truth Table for UT8SF2M40[1,2,3,4,5,6,7]
Operation
Address
Used
CSx*
ZZ
SHUT
DOWN
ADV_LD
WE
BWEx
OE
CEN
CLK
DQs
Standby Mode
None
H
L
L
L
X
X
X
L
L-H
3-State
Continue Deselect
None
X
L
L
H
X
X
X
L
L-H
3-State
Read Cycle (Start Burst)
External
L
L
L
L
H
X
L
L
L-H
Data Out
Read Cycle (Cont. Burst)
Next
X
L
L
H
X
X
L
L
L-H
Data Out
NOP/Dummy Read
(Start)
External
L
L
L
L
H
X
H
L
L-H
3-State
NOP/Dummy Read
(Cont.)
Next
X
L
L
H
X
X
H
L
L-H
3-State
Write Cycle (Start Burst)
External
L
L
L
L
L
L
X
L
L-H
Data In
Write Cycle (Cont. Burst)
Next
X
L
L
H
X
L
X
L
L-H
Data In
Dummy Write (Start)
None
L
L
L
L
L
H
X
L
L-H
3-State
Dummy Write (Cont.
Burst)
Next
X
L
L
H
X
H
X
L
L-H
3-State
Clock Inhibit (Stall)
N/A
X
L
L
X
X
X
X
H
L-H
N/A
Sleep Mode
N/A
H
H
L
X
X
X
X
X
X
3-State
Shutdown Mode
None
X
X
H
X
X
X
X
X
X
3-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com