Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SP2M48 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT8SP2M48
Description  UT8SP2M48 96Megabit Pipelined SSRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SP2M48 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT8SP2M48 Datasheet HTML 2Page - Aeroflex Circuit Technology UT8SP2M48 Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SP2M48 Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SP2M48 Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SP2M48 Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SP2M48 Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SP2M48 Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SP2M48 Datasheet HTML 9Page - Aeroflex Circuit Technology UT8SP2M48 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
36-00-01-001
Ver. 1.1.0
Aeroflex Microelectronics Solutions - HiRel
READY Status
The UT8SP2M48 device operates as a Synchronous SRAM
device. Data integrity housekeeping activities are performed in
the background during normal user activity. These
housekeeping activities are performed on a regular basis.
However, when a housekeeping activity sequence cannot be
completed due to user conflict for memory space, the READY
pin asserts signifying to the user that an idle cycle is required.
Please reference applications note AN-MEM-004 for more
information.
Byte Write Enables BWE[5:0]
The UT8SP2M48 device employs six byte write enable inputs
to be used in conjunction with WE to qualify each associated
byte of data into the memory. When WE is HIGH, the device
is in read mode where all BWE[5:0] are don’t cares. When
WE is LOW, each BWE[5:0] must also be low to write the
associated data input pins into memory. Data input pins whose
associated byte write enable pin is HIGH, will be masked.
Sleep Mode
The ZZ input lead is a synchronous input. Asserting the ZZ pin
HIGH places the SSRAM into a power conservative "sleep"
mode. To assure the completion of previous commands and
through the pipeline prior to entering sleep mode, a minimum
of two full clock cycles (tZZS) are required between the last
operation command and asserting the ZZ input. While in sleep
mode, data integrity is guaranteed. Changing the input clock
frequency or halting the input clock may be executed during
sleep mode. The device must be deselected prior to entering
sleep mode and remain deselected for the duration of tZZREC
after the ZZ input returns LOW.
Shutdown Mode
The SHUTDOWN input pin is an asynchronous input.
Asserting SHUTDOWN places the device in a power saving
shutdown mode. The system clock can be stopped. Memory
contents are not maintained in shutdown mode. The SSRAM
requires a reset cycle upon exiting shutdown mode.
Power Up/ Down Requirements
The SSRAM requires that VDD < VDDQ at all times. The
SSRAM does require the user to provide an external reset after
initial power application, exiting shutdown mode, or any
power interruption to the device input voltage outside the
specified limit. Performing a reset requires the assertion of the
RESET device input lead (LOW) for a minimum of 1us
(tRLRH). After the RESET input is returned HIGH, the device
requires 50us (tSHTDWNREC) to complete the reset operation.
Once the reset operation is complete, the device requires an
additional 20us (tCR) to synchronize the clock input, providing
a stable input clock is present. The device READY output lead
asserts HIGH once tCR is satisfied at the next rising clock. The
READY out lead HIGH indicates the device is available for
normal operations. For power down it is required that VDD and
VDDQ be powered down to <0.5V for a minimum of 100ms.
Clock Conditioning Requirements
The CLK signal input requirements are given in the Clock
section of the AC Characterizations. AC Characterization
performances listed herein are based on providing a clock
input signal meeting these requirements.
Table 2. Byte Write Enable to Data Input Pins
Byte Write
Enable Input
Data Input Pins
BWE0
DQ[7:0]
BWE1
DQ[15:8]
BWE2
DQ[23:16]
BWE3
DQ[31:24]
BWE4
DQ[39:32]
BWE5
DQ[47:40]
Table 3. Linear Burst Address Table
(MODE=VSS)
Starting
Address
Second
Address
Third
Address
Fourth
Address
A1, A0
A1, A0
A1, A0
A1, A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
Table 4. Interleaved Burst Address Table
(MODE=VDDQ)
Starting
Address
Second
Address
Third
Address
Fourth
Address
A1, A0
A1, A0
A1, A0
A1, A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com