Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M40MSFC Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT8SF2M40MSFC
Description  UT8SF2M40 80Megabit Flow-thru SSRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M40MSFC Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT8SF2M40MSFC Datasheet HTML 1Page - Aeroflex Circuit Technology UT8SF2M40MSFC Datasheet HTML 2Page - Aeroflex Circuit Technology UT8SF2M40MSFC Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SF2M40MSFC Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SF2M40MSFC Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SF2M40MSFC Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SF2M40MSFC Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M40MSFC Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M40MSFC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
36-00-01-00
5
Ver. 1.0.0
Aeroflex Microelectronics Solutions - HiRel
DEVICE OPERATION
The UT8SF2M40 is synchronous flow-thru SSRAM designed
specifically to eliminate wait states during Write/Read or Read/
Write transitions. All synchronous inputs and outputs are
registered on the rising edge of clock. The clock signal is enabled
by the Clock Enable input (CEN). When CEN is HIGH, the clock
signal is disregarded and all internal states are maintained. All
synchronous operations are qualified by CEN. Once power-up
requirements have been satisfied, the input clock may only be
stopped during sleep (ZZ is HIGH) or shutdown mode
(SHUTDOWN is HIGH). Maximum access delay from the
rising edge of clock (tCQV) is 12ns (80 MHz device).
Access is initiated by asserting all three Chip Enables
(CS0, CS1, CS2) active at the rising edge of the clock with
Clock Enable (CEN) and ADV_LD asserted LOW. The
address presented to the device will be registered. Access can
be either a Read or Write operation, depending on the status of
the Write Enable (WE).
Write operations are initiated by the Write Enable (WE) input.
All write commands are controlled by built in synchronous
self-timed circuitry.
Three synchronous Chip Enables (CS0, CS1, CS2) and an
asynchronous Output Enable (OE) simplify memory depth
expansion. All operations (Reads, Writes, and Deselects) are
pipelined. ADV_LD must be driven LOW once the device has
been deselected in order to load a new address and command
for the next operation.
Single Read Accesses
A read access is initiated when the following device inputs are
present at rising clock edge: CEN is enabled LOW, CS0, CS1,
and CS2 are all enabled, the Write Enable input signal WE is
disabled HIGH and ADV_LD is asserted LOW. The addresses
present at the address inputs A[20:0] are registered and
presented to the memory. Data propagates to the input of the
output register. Data will be available to the bus 12ns after the
next rising clock edge provided OE is enabled LOW. After the
first clock of the read access, the output buffers are controlled
by OE and the internal control logic. OE must be enabled
LOW to drive requested data. During the next rising clock, any
operation (Read/Write/Deselect) may be initiated.
Burst Read Accesses
The UT8SF2M40 has an internal burst counter allowing up to
four reads to be performed from a single address input. A new
address can only be loaded when ADV_LD is driven LOW.
New addresses are loaded into the SSRAM, as described by
the Single Read Access section. The burst counter operates in
either linear or interleave and is controlled by the MODE input
at power up. When MODE pin is LOW, the burst sequence is
linear. The burst sequence is interleaved when MODE is
HIGH. A0 and A1 are controlled by the burst counter. The
burst counter will wrap around when needed. The burst
counter increments anytime ADV_LD is HIGH and CEN is
low. The operation selected by the state of WE is latched at the
beginning of the sequence and maintained throughout.
Single Write Accesses
A write access is initiated when the following device inputs are
present at rising clock edge: CEN is enabled LOW, CS0, CS1,
and CS2 are all enabled, the Write Enable input signal WE is
enabled LOW and ADV_LD is asserted LOW. The addresses
present at the address inputs A[20:0] are registered and
presented to the memory core. Data I/Os are tri-stated at the
next rising edge of clock regardless of state of OE. The write is
completed after the next rising clock edge using data present
on DQ pins. Each byte of data is individually qualified by its
applicable byte write enable input (see Table 2). When the
input low, the applicable DQ inputs are registered to memory.
When the input is high, the applicable DQ pins are ignored.
To avoid bus contention data should not be driven to DQs
when outputs are active. The Output Enable (OE) may be
disabled HIGH before applying data to the DQ lines. This will
tri-state the DQ output drivers. As an additional feature DQ
lines are automatically tri-stated during the data portion of a
Write cycle, regardless of the state of OE.
Burst Write Accesses
The UT8SF2M40 has an internal burst counter allowing up to
four writes to be performed from a single address input. A new
address can only be loaded when ADV_LD is driven LOW.
New addresses are loaded into the SSRAM, as described in the
Single Write Access section. When ADV_LD is driven HIGH
on the subsequent clock rise, where CEN is LOW, the Chip
Enables (CS0, CS1, CS2) and WE inputs are ignored and the
burst counter is incremented. The BWE[4:0] inputs must be
LOW in each cycle of the burst write in order to qualify each
respective byte of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com