Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT9Q512E Datasheet(PDF) 21 Page - Aeroflex Circuit Technology

Part # UT9Q512E
Description  UT9Q512E 512K x 8 RadTol SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT9Q512E Datasheet(HTML) 21 Page - Aeroflex Circuit Technology

Back Button UT9Q512E Datasheet HTML 13Page - Aeroflex Circuit Technology UT9Q512E Datasheet HTML 14Page - Aeroflex Circuit Technology UT9Q512E Datasheet HTML 15Page - Aeroflex Circuit Technology UT9Q512E Datasheet HTML 16Page - Aeroflex Circuit Technology UT9Q512E Datasheet HTML 17Page - Aeroflex Circuit Technology UT9Q512E Datasheet HTML 18Page - Aeroflex Circuit Technology UT9Q512E Datasheet HTML 19Page - Aeroflex Circuit Technology UT9Q512E Datasheet HTML 20Page - Aeroflex Circuit Technology UT9Q512E Datasheet HTML 21Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Aeroflex Colorado Springs Application Note
AN-MEM-002
Creation Date: 8/19/11
Page 5 of 5
Modification Date: 4/24/13
4.0 Summary and Conclusion
The Aeroflex SRAMs in Table #1 all employ a low power consumption read architecture. Power is conserved by sensing data
only when new data is requested. A request occurs anytime chip enable is asserted or any address input signal transitions while
chip enable is asserted. The data sheets for the SRAMs listed in Table #1 do not explicitly define the case of simultaneous
switching of address and control signals during read operations. Data sheet read cycle descriptions indicate that control inputs
are established prior to address changes, and address inputs are stable prior to control assertions. Simultaneous switching of
addresses and controls is tolerable, when the skew between all input signals is < 4ns. For designs that must employ the simul-
taneous activation of address and control signals, two important issues should be considered by the designer. The first is the
input signal skew sensitivity of the low power read architecture discussed by this application note. The second is the instanta-
neous current consumption that results from simultaneous access methods. Aeroflex recommends the use of only one read
access method at a time. If multiple read accesses (simultaneous chip enable assertion and address switching) cannot be
avoided, then Aeroflex recommends that the chip enable signal be delayed until all addresses have completed transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com