Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SP2M48MSFC Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # UT8SP2M48MSFC
Description  UT8SP2M48 96Megabit Pipelined SSRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SP2M48MSFC Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  UT8SP2M48MSFC Datasheet HTML 1Page - Aeroflex Circuit Technology UT8SP2M48MSFC Datasheet HTML 2Page - Aeroflex Circuit Technology UT8SP2M48MSFC Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SP2M48MSFC Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SP2M48MSFC Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SP2M48MSFC Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SP2M48MSFC Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SP2M48MSFC Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SP2M48MSFC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
36-00-01-001
Ver. 1.1.0
Aeroflex Microelectronics Solutions - HiRel
Note:
1. Reference application note AN-MEM-004 for additional READY signal information.
2. DC inputs are established at power up and cannot be switched while power is applied to the device.
3. Reference application note AN-MEM-005 for JTAG operations. JTAG operations are intended for terrestrial use and not guaranteed in radiation environment.
NAME
DESCRIPTION
TYPE
ZZ
ZZ “Sleep” Input, Active HIGH: When HIGH, places the device in a non-
time critical “sleep” condition with data integrity preserved. During normal
operation, this pin must be LOW.
Input-Synchronous
SHUTDOWN
Shutdown Input, Active HIGH: When HIGH, places device in shutdown
mode. System clock can be stopped. Memory contents are not retained.
Input-Asynchronous
READY1
Device Ready Output: READY outputs a HIGH when device is available
for normal operations. READY outputs a LOW when requesting an idle
cycle or during power up initialization.
Output-Synchronous
MODE2
Mode Input: Established at power up. Selects the burst order of the device.
When tied to VSS selects linear burst sequence. When tied to VDDQ selects
interleaved burst sequence.
Input-DC
EXTRES2
Input Current Reference: Provided for external precision current reference
resistor connection.
Input-DC
FREQSEL
Operating Frequency Range Selection Input: Input should be HIGH for
CLK input above 80MHz, LOW for CLK input at 80MHz and below. DC
input and CLK frequency can only be changed during sleep mode or
established at power on.
Input-DC
VDD
Power supply inputs to the core of the device.
Power Supply
VDDQ
Power supply for the I/O circuitry.
I/O Power Supply
VSS
Ground inputs to the core of the device.
Ground
VSSQ
Ground for I/O circuitry.
I/O Ground
NUIL
Not used Input Low: Pins designated as NUIL need to be externally
connected by user to VSSQ through a >10kΩ±10% resistor.
--
NUIH
Not used Input High: Pins designated as NUIH need to be externally
connected by user to VDDQ through a >10kΩ±10% resistor.
--
NC
No Connects. Not internally connected to the die.
---
TDO3
JTAG Circuit Serial Data Output: Package pin requires a pull-up through
>10kΩ±10% resistor to VDDQ.
JTAG Serial Output
Synchronous
TDI3
JTAG Circuit Serial Data Input: Device pin internally connected through
a 75kΩ±10% resistor to VDDQ.
JTAG Serial Input
Synchronous
TMS3
JTAG Controller Test Mode Select: Device pin internally connected
through a 75kΩ±10% resistor to VDDQ.
Test Mode Select
Synchronous
TCK3
JTAG Circuit Clock Input: Package pin requires a pull-up through
>10kΩ±10% resistor to VDDQ.
JTAG Clock
Table 1: Pin Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com