Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SP2M48MSPC Datasheet(PDF) 20 Page - Aeroflex Circuit Technology

Part # UT8SP2M48MSPC
Description  UT8SP2M48 96Megabit Pipelined SSRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SP2M48MSPC Datasheet(HTML) 20 Page - Aeroflex Circuit Technology

Back Button UT8SP2M48MSPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT8SP2M48MSPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT8SP2M48MSPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT8SP2M48MSPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT8SP2M48MSPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT8SP2M48MSPC Datasheet HTML 20Page - Aeroflex Circuit Technology UT8SP2M48MSPC Datasheet HTML 21Page - Aeroflex Circuit Technology UT8SP2M48MSPC Datasheet HTML 22Page - Aeroflex Circuit Technology UT8SP2M48MSPC Datasheet HTML 23Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
36-00-01-001
Ver. 1.1.0
Aeroflex Microelectronics Solutions - HiRel
ORDERING INFORMATION
2M x 48 SSRAM
Package Option
Associated Lead Finish Option
(Z) 288-CLGA
(C) Gold
(S) 288-CCGA
(A) Hot Solder Dipped
(C) 288-CBGA
(A) Hot Solder Dipped
Lead Finish: (Note 1)
(C) = Gold
(A) = Solder
Screening: (Notes 2, 3)
(F) = HiRel Flow (Temperature Range: -55
°C to +105°C) (In development, contact factory)
(P) = Prototype Flow (Temperature Range: 25oC only)
Package Type:
(Z) = 288-Lead Ceramic Land Grid Array (CLGA)
(S) = 288 Lead Ceramic Column Grid Array (CCGA)
(C) = 288 Lead Ceramic Ball Grid Array (CBGA)
Access Time:
(M) = 133MHz Maximum Frequency
Device Type:
(8SP2M48) = 2Mbit x 48 SSRAM Device
Notes:
1. Lead finish is per the table below.
2. Prototype Flow per Aeroflex Manufacturing Flows Document. Devices are tested at 25oC only. Radiation is neither tested nor guaranteed.
3. HiRel flow per Aeroflex Manufacturing Flows Document. Radiation is neither tested nor guaranteed.
UT ******* - *
* * *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com