Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS244 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS244
Description  Octal Buffers & Line Drivers, Three-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS244 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS244 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS244 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS244 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS244 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS244 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS244 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS244 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS244 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS244 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS244/UT54ACTS244
Octal Buffers & Line Drivers, Three-State Outputs
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
Three-state outputs drive bus lines or buffer memory address
registers
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 20-pin DIP
- 20-lead flatpack
UT54ACS244 - SMD 5962-96570
UT54ACTS244 - SMD 5962-96571
DESCRIPTION
The UT54ACS244 and the UT54ACTS244 are non-inverting
octal buffer and line drivers which improve the performance and
density of three-state memory address drivers, clock drivers, and
bus-oriented receivers and transmitters.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
LOGIC SYMBOL
PINOUTS
20-Pin DIP
Top View
20-Lead Flatpack
Top View
INPUTS
OUTPUT
1G, 2G
A
Y
L
L
L
L
H
H
H
X
Z
(1)
1G
EN
(2)
1A1
(4)
1A2
(6)
1A3
(8)
1A4
(18)
1Y1
(12)
1Y4
(14)
1Y3
(16)
1Y2
(19)
2G
EN
(11)
2A1
(13)
2A2
(15)
2A3
(17)
2A4
(9)
2Y1
(3)
2Y4
(5)
2Y3
(7)
2Y2
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
1G
1A1
2Y4
1A2
2Y3
1A3
2Y2
VDD
2G
1Y1
2A4
1Y2
1Y3
1A4
2A2
2A3
2Y1
1Y4
VSS
2A1
120
219
318
417
516
615
714
813
912
10
11
1G
1A1
2Y4
1A2
2Y3
1A3
2Y2
VDD
2G
1Y1
2A4
1Y2
1Y3
1A4
2A2
2A3
2Y1
1Y4
VSS
2A1
120
219
318
417
516
615
714
813
912
10
11


Similar Part No. - UT54ACTS244

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT54ACTS244 ETC-UT54ACTS244 Datasheet
38Kb / 6P
Radiation-Hardened Octal Buffers & Line Drivers, Three-State Outputs
More results

Similar Description - UT54ACTS244

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS240 HITACHI-HD74LS240 Datasheet
53Kb / 5P
Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
HD74LS244 HITACHI-HD74LS244 Datasheet
53Kb / 5P
Octal Buffers/Line Drivers/Line Receivers(non inverted three-state outputs)
logo
List of Unclassifed Man...
UT54ACS244 ETC-UT54ACS244 Datasheet
38Kb / 6P
Radiation-Hardened Octal Buffers & Line Drivers, Three-State Outputs
logo
Renesas Technology Corp
HD74LS240 RENESAS-HD74LS240 Datasheet
74Kb / 6P
Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
HD74LS241 RENESAS-HD74LS241 Datasheet
152Kb / 5P
Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
HD74LS244 RENESAS-HD74LS244 Datasheet
73Kb / 6P
Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACS240 AEROFLEX-UT54ACS240 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Inverted Three-State Outputs
UT54ACS540 AEROFLEX-UT54ACS540 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Inverted Three-State Outputs
UT54ACS541 AEROFLEX-UT54ACS541 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Three-State Outputs
UT54ACTS541E AEROFLEX-UT54ACTS541E Datasheet
139Kb / 9P
Octal Buffers and Line Drivers, Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com