Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9030 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCI9030
Description  SMARTarget??I/O Accelerator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9030 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCI9030 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCI9030 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCI9030 Datasheet HTML 3Page - List of Unclassifed Manufacturers PCI9030 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s
Posted Memory Writes. A PCI memory
write can be posted to the PCI 9030 for
later transfer to the Local bus. This
allows for maximum PCI performance
and avoids potential deadlock situations.
SMARTarget Flexibility Features
s
Programmable Local Bus operates up
to 60MHz and supports both non-
multiplexed and multiplexed 32-bit
address/data protocol, and Dynamic
Local Bus width control allowing slave
accesses of 8-,16- or 32-bit devices.
s
Supports 5 PCI to Local Address
spaces. These spaces (Space 0,1,2,3 and
Expansion ROM Spaces) allow a PCI
Bus Master to access the local memory
spaces with individually programmable
wait states, bus width, and burst
capabilities.
s
The PCI 9030 has 9 programmable
General Purpose I/Os which may
be used for a variety of purposes.
s
Four programmable Chip
selects eliminate decode logic.
s
CompactPCI Hot Swap Ready
s
Supports Automatic on-the-fly Big
Endian and Little Endian conversion
for all operations and data types.
s
Interrupt Generator can assert PCI inter-
rupts from external and internal sources.
s
Fully supports the Vital Product Data
(VPD) PCI v2.2 extension including New
Capabilities Structure. Provides an alter-
nate access method for user or system
defined parameters or configuration data.
s
PCI Target Programmable Burst. The PCI
9030 may be programmed for several
burst lengths, including unlimited burst.
This allows for maximum transfer rates
on both the PCI and local bus.
s
PCI Target Delayed Write. The PCI 9030
supports PCI Target Delayed Write mode
where the PCI Target Write data is post-
poned in the PCI Target Write FIFO to
allow uninterrupted burst transactions
on the Local bus. This allows for a higher
throughput for conditions in which the
PCI clock frequency is slower than the
Local clock frequency or when Local bus
bursting is desirable.
PCI 9030 SMARTarget I/O
Accelerator
Only the PCI 9030 has SMARTarget tech-
nology, a set of advanced features which
go far beyond the minimum to provide
the best possible performance and flexi-
bility to simplify the design. A basic target
design is one thing, but a SMARTarget
design is much more.
SMARTarget Performance Features:
s
PCI v2.2 Compliant 32-bit, 33MHz
Target Interface Chip enabling PCI Burst
Transfers up to 132Mbytes/second.
s
Up to 60MHz Local Bus operation
enabling burst transfers up to
240Mbytes/second
s
PCI Target Read Ahead Mode. The
PCI 9030 will prefetch a programmable
amount of data from the local bus.
The prefetched data can then be burst
transferred on the PCI bus from the PCI
9030 internal PCI Target Read FIFO. The
prefetch size can be programmed to
match the PCI master burst length or can
be used as PCI Target Read Ahead mode
data. This feature allows for increased
bandwidth and reduced read latency.
32-bit 60MHz Local
Bus
I/O
PCI 9030
SMARTarget
™
Device
ENUM#
LED
I/O
I/O
Memory
32-bit 60MHz Local Bus
32-bit, 33MHz System PCI Bus
Memory
PCI 9030
SMARTarget™
Device
I/O
I/O
I/O
I/O
Figure 1.
Typical PCI Target
Adapter Card
Figure 2.
Typical CompactPCI
Hot Swap Adapter Card



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com