Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS253 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS253
Description  Dual 4-Input Multiplexers, Three-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS253 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS253 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS253 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS253 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS253 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS253 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS253 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS253 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS253 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS253 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS253/UT54ACTS253
Dual 4-Input Multiplexers, Three-State Outputs
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
Permits multiplexing from N lines to 1 line
Performs parallel-to-serial conversion
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS253 - SMD 5962-96574
UT54ACTS253 - SMD 5962-96575
DESCRIPTION
The UT54ACS253 and the UT54ACTS253 are 1-line to 4-line
multiplexers that contain drivers to supply full binary decoding.
Separate output control inputs are provided for each of the two
four-line sections.
Use the three-state outputs to drive data lines in bus-organized
systems. With all but one of the common outputs disabled the
low-impedance of the single enable output will drive the bus
line to a high or low logic level. Each output has its own strobe
(G).
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
LOGIC SYMBOL
SELECT
INPUTS
DATA INPUTS
OUTPUT
CONTROL
OUTPUT
B
A
C0
C1
C2
C3
G
Y
X
X
X
X
X
X
H
Z
L
L
L
X
X
X
L
L
L
L
H
X
X
X
L
H
L
H
X
L
X
X
L
L
L
H
X
H
X
X
L
H
H
L
X
X
L
X
L
L
H
L
X
X
H
X
L
H
H
H
X
X
X
L
L
L
H
H
X
X
X
H
L
H
1
2
3
4
5
7
6
16
15
14
13
12
10
11
1G
B
1C3
1C2
1C1
1C0
1Y
VDD
2G
A
2C3
2C2
2C1
2C0
8
9
VSS
2Y
1
2
3
4
5
7
6
16
15
14
13
12
10
11
VDD
1G
B
1C3
1C2
1C1
1C0
1Y
2G
A
2C3
2C2
2C1
2C0
VSS
2Y
8
9
(14)
A
(2)
B
1
0
MUX
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
(1)
1G
EN
(6)
1C0
0
(5)
1C1
(4)
1C2
(3)
1C3
(15)
2G
(10)
2C0
(11)
2C1
(7)
1Y
2C2
(13)
2C3
(9)
2Y
(12)
1
2
3
G
0
3
---


Similar Part No. - UT54ACTS253

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS20 AEROFLEX-UT54ACTS20 Datasheet
229Kb / 9P
Dual 4-Input NAND Gates
UT54ACTS20E AEROFLEX-UT54ACTS20E Datasheet
125Kb / 9P
Dual 4-Input NAND Gates
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
Clock and Wait-State Generation Circuit
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
Clock and Wait-State Generation Circuit
UT54ACTS240 AEROFLEX-UT54ACTS240 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Inverted Three-State Outputs
More results

Similar Description - UT54ACTS253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
Dual 4-Input Multiplexer, Three-State
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS253 HITACHI-HD74LS253 Datasheet
73Kb / 7P
Dual 4-line-to-1-line Data Selectors/Multiplexers(with three-state outputs)
logo
Intersil Corporation
ACS253MS INTERSIL-ACS253MS Datasheet
48Kb / 2P
Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
November 1997
logo
Texas Instruments
CD74AC253 TI-CD74AC253_07 Datasheet
428Kb / 15P
Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_08 Datasheet
569Kb / 16P
Dual 4-Input Multiplexer, Three-State
logo
Renesas Technology Corp
HD74LS253 RENESAS-HD74LS253 Datasheet
176Kb / 6P
Dual 4-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
logo
Texas Instruments
SN54ALS253 TI1-SN54ALS253_15 Datasheet
797Kb / 18P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
54ACT11253 TI1-54ACT11253_09 Datasheet
90Kb / 5P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com