Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS264 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS264
Description  Look-Ahead Carry Generators for Counters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS264 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS264 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS264 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS264 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS264 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS264 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS264 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS264 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS264 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS264 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Standard Products
UT54ACS264/UT54ACTS264
Look-Ahead Carry Generators for Counters
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
Performs look-ahead carry across n-bit counters
Accommodates active-high or active-low carry
Improves cascaded counters system performance
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS264- SMD 5962-96576
UT54ACTS264 - SMD 5962-96577
DESCRIPTION
The UT54ACS264 and the UT54ACTS264 are look-ahead gen-
erators designed specifically to perform a carry-anticipate across
any number of n-bit counters, thus increasing system clock fre-
quency. A carry enable CE, and carry outputs RCOA and RCOB
are provided for n-bit cascading.
Use the counter with either active-high-carry or active-low-car-
ry counters. For active-high-carry counters, CE is active high,
the A set of inputs and output RCOA are used. The B set of
inputs are connected to a low logic level. For active-low-carry
counters, CE is active low, the B set of inputs and output RCOB
are used. The A set of inputs are connected to a high logic level.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
1
2
3
4
5
7
6
16
15
14
13
12
10
11
A1
B1
A0
B0
A3
B3
RCOB
VDD
B2
A2
CE
C0
C1
RCOA
8
9
VSS
C2
1
2
3
4
5
7
6
16
15
14
13
12
10
11
VDD
A1
B1
A0
B0
A3
B3
RCOB
B2
A2
CE
C0
C1
RCOA
VSS
C2
89


Similar Part No. - UT54ACTS264

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS20 AEROFLEX-UT54ACTS20 Datasheet
229Kb / 9P
Dual 4-Input NAND Gates
UT54ACTS20E AEROFLEX-UT54ACTS20E Datasheet
125Kb / 9P
Dual 4-Input NAND Gates
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
Clock and Wait-State Generation Circuit
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
Clock and Wait-State Generation Circuit
UT54ACTS240 AEROFLEX-UT54ACTS240 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Inverted Three-State Outputs
More results

Similar Description - UT54ACTS264

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
Look-ahead carry generator
1991 Apr 15 2 853
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
Look-ahead carry generator
December 1990
logo
Texas Instruments
SN54S182 TI-SN54S182 Datasheet
212Kb / 6P
LOOK-AHEAD CARRY GENERATORS
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
Look-Ahead Carry Generator
logo
Texas Instruments
SN54AS882A TI-SN54AS882A Datasheet
139Kb / 9P
32-BIT LOOK-AHEAD CARRY GENERATORS
logo
National Semiconductor ...
DM54S182 NSC-DM54S182 Datasheet
119Kb / 4P
LOOK - AHEAD CARRY GENERATORS
logo
Motorola, Inc
MC145828B MOTOROLA-MC145828B Datasheet
106Kb / 6P
LOOK-AHEAD CARRY BLOCK
logo
Texas Instruments
SN74AS882A TI1-SN74AS882A Datasheet
153Kb / 9P
32-BIT LOOK-AHEAD CARRY GENERATORS
SN54S182 TI1-SN54S182_15 Datasheet
443Kb / 11P
LOOK-AHEAD CARRY GENERATORS
SN54AS882A TI1-SN54AS882A_08 Datasheet
153Kb / 9P
32-BIT LOOK-AHEAD CARRY GENERATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com