Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS280 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS280
Description  9-Bit Parity Generators/Checkers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS280 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS280 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS280 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS280 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS280 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS280 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS280 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS280 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS280 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS280 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS280/UT54ACTS280
9-Bit Parity Generators/Checkers
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
Generates either odd or even parity for nine data lines
Cascadable for n-bits parity
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 14-pin DIP
- 14-lead flatpack
UT54ACS280 - SMD 5962-96582
UT54ACTS280 - SMD 5962-96583
DESCRIPTION
The UT54ACS280 and the UT54ACTS280 are 9-bit parity gen-
erators/checkers that use high-performance circuitry and fea-
tures odd and even outputs to facilitate operation of either odd
or even parity application. The word-length capability is easily
expanded by cascading.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
LOGIC SYMBOL
PINOUTS
14-Pin DIP
Top View
14-Lead Flatpack
Top View
NUMBER OF INPUTS A THRU I
THAT ARE HIGH
OUTPUT
Σ EVEN
Σ ODD
0,2,4,6,8
H
L
1,3,5,7,9
L
H
(5)
∑
EVEN
(6)
(8)
A
Note:
1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC
Publication 617-12.
2k
(9)
B
(10)
C
(11)
D
(12)
E
(13)
F
(1)
G
(2)
H
(4)
∑
ODD
I
1
2
3
4
5
7
6
14
13
12
11
10
8
9
G
H
NC
I
∑ EVEN
∑ ODD
VSS
VDD
F
E
D
C
B
A
1
2
3
4
5
7
6
14
13
12
11
10
8
9
VDD
F
E
D
C
B
A
G
H
NC
I
∑ EVEN
∑ ODD
VSS


Similar Part No. - UT54ACS280

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS283 AEROFLEX-UT54ACS283 Datasheet
258Kb / 11P
4-Bit Binary Full Adders
UT54ACS283E AEROFLEX-UT54ACS283E Datasheet
168Kb / 9P
4-Bit Binary Full Adders
More results

Similar Description - UT54ACS280

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
9-BIT PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280 Datasheet
227Kb / 6P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN74ALS280 TI-SN74ALS280 Datasheet
114Kb / 12P
9-BIT PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54LS280 TI-SN54LS280_08 Datasheet
899Kb / 24P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATORS/CHECKERS
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com