Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS299E Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT54ACS299E
Description  CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS299E Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT54ACS299E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 13Page - Aeroflex Circuit Technology UT54ACS299E Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ORDERING INFORMATION
UT54ACS299E: SMD
Lead Finish: (Notes 1 & 2)
(A) =
Hot Solder Dip
(C)
=
Gold
(X) =
Factory Option (Gold or Solder)
Case Outline:
(X) =
20 lead BB FP
Class Designator:
(Q) =
Class Q
(V) =
Class V
Device Type
(01) = 8-bit Universal Shift/Storage Register (3.0V - 5.5V)
Drawing Number: 06238
Total Dose: (Note 3)
(R)
=
1E5 rad(Si)
Federal Stock Class Designator: No options
5962
R
06238 **
*
*
*
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3.Total dose radiation must be specified when ordering. QML Q not available without radiation hardening. QML Q and QML V not available without
radiation hardening. For prototyping inquiries, contact factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com