Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS374 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS374
Description  Octal D-Type Flip-Flops with Three-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS374 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS374 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS374 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS374 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS374 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS374 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS374 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS374 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS374 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS374 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS374/UT54ACTS374
Octal D-Type Flip-Flops with Three-State Outputs
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
8 latches in a single package
Three-state bus-driving true outputs
Full parallel access for loading
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 20-pin DIP
- 20-lead flatpack
UT54ACS374 - SMD 5962-96590
UT54ACTS374 - SMD 5962-96591
DESCRIPTION
The UT54ACS374 and the UT54ACTS374 are non-inverting
octal D type flip-flops with three-state outputs designed for driv-
ing highly capacitive or relatively low-impedance loads. The
device is suitable for buffer registers, I/O ports, and bidirectional
bus drivers.
The eight flip-flops are edge triggered D-type flip-flops. On the
positive transition of the clock the Q outputs will follow the data
(D) inputs.
An output-control input (OC) places the eight outputs in either
a normal logic state (high or low logic level) or a high-impedance
state. The high-impedance third state and increased drive pro-
vide the capability to drive the bus line in a bus-organized system
without the need for interface or pull-up components.
The output control OC does not affect the internal operations of
the flip-flops. Old data can be retained or new data can be en-
tered while the outputs are off.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
PINOUTS
20-Pin DIP
Top View
20-Lead Flatpack
Top View
LOGIC SYMBOL
INPUTS
OUTPUT
OC
CLK
nD
nQ
L
↑
H
H
L
↑
L
L
L
L
X
nQ0
H
X
X
Z
1
2
3
4
5
7
6
20
19
18
17
16
14
15
OC
1Q
1D
2D
2Q
3Q
3D
VDD
8Q
8D
7D
7Q
6D
8
13
4D
5D
6Q
9
12
4Q
5Q
10
11
VSS
CLK
1
2
3
4
5
7
6
20
19
18
17
16
14
15
OC
1Q
1D
2D
2Q
3Q
3D
VDD
8Q
8D
7D
7Q
6D
813
4D
5D
6Q
912
4Q
5Q
10
11
VSS
CLK
(1)
OC
EN
(3)
1D
(4)
2D
(7)
(2)
1Q
(6)
(5)
2Q
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
3D
(8)
4D
(13)
5D
(14)
6D
3Q
(15) 6Q
(12)
5Q
(9)
4Q
(17)
7D
(18)
8D
(19) 8Q
(16) 7Q
(11)
CLK
C1
1D


Similar Part No. - UT54ACS374

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT54ACS374 ETC1-UT54ACS374 Datasheet
42Kb / 6P
Radiation-Hardened Octal D-Type Flip-Flops with Three-State Outputs
More results

Similar Description - UT54ACS374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
Octal D Type Flip Flops With 3 State Outputs
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
logo
List of Unclassifed Man...
UT54ACS374 ETC1-UT54ACS374 Datasheet
42Kb / 6P
Radiation-Hardened Octal D-Type Flip-Flops with Three-State Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
Octal D-type Flip Flops with 3-state Outputs
HD74LS374 RENESAS-HD74LS374 Datasheet
96Kb / 8P
Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
Octal D-type Flip Flops with 3-state Outputs
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74LS374 RENESAS-HD74LS374_15 Datasheet
126Kb / 10P
Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com