Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS540 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS540
Description  Octal Buffers & Line Drivers, Inverted Three-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS540 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS540 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS540 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS540 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS540 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS540 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS540 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS540 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS540 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS540 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS540/UT54ACTS540
Octal Buffers & Line Drivers, Inverted Three-State Outputs
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
Three-state outputs drive bus lines or buffer memory address
registers
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 20-pin DIP
- 20-lead flatpack
UT54ACS540 - SMD 5962-96592
UT54ACTS540 - SMD 5962-96593
DESCRIPTION
The UT54ACS540 and the UT54ACTS540 are inverting octal
buffers and line drivers which improve the performance and
density of three-state memory address drivers, clock drivers, and
bus-oriented receivers and transmitters.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
LOGIC SYMBOL
PINOUTS
20-Pin DIP
Top View
20-Lead Flatpack
Top View
INPUTS
OUTPUT
1G
2G
An
Yn
L
L
L
H
L
L
H
L
H
X
X
Z
X
H
X
Z
(1)
EN
(2)
A1
(3)
A2
(4)
(18)
Y1
(16)
(17) Y2
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
A3
(5)
A4
(6)
A5
(7)
A6
Y3
(13) Y6
(14) Y5
(15)
Y4
(8)
A7
(9)
A8
(11) Y8
(12) Y7
(19)
&
1G
2G
1G
A1
A2
A3
A4
A5
A6
VDD
2G
Y1
Y2
Y3
Y5
A7
Y6
Y4
A8
Y7
VSS
Y8
120
219
318
417
516
615
714
813
912
10
11
1G
A1
A2
A3
A4
A5
A6
VDD
2G
Y1
Y2
Y3
Y5
A7
Y6
Y4
A8
Y7
VSS
Y8
120
219
318
417
516
615
714
813
912
10
11


Similar Part No. - UT54ACTS540

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS54 AEROFLEX-UT54ACTS54 Datasheet
230Kb / 9P
4-Wide AND-OR-INVERT Gates
UT54ACTS541 AEROFLEX-UT54ACTS541 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Three-State Outputs
UT54ACTS541E AEROFLEX-UT54ACTS541E Datasheet
139Kb / 9P
Octal Buffers and Line Drivers, Three-State Outputs
More results

Similar Description - UT54ACTS540

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS240 HITACHI-HD74LS240 Datasheet
53Kb / 5P
Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
HD74LS244 HITACHI-HD74LS244 Datasheet
53Kb / 5P
Octal Buffers/Line Drivers/Line Receivers(non inverted three-state outputs)
logo
Renesas Technology Corp
HD74LS240 RENESAS-HD74LS240 Datasheet
74Kb / 6P
Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
HD74LS241 RENESAS-HD74LS241 Datasheet
152Kb / 5P
Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
HD74LS244 RENESAS-HD74LS244 Datasheet
73Kb / 6P
Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
HD74LS244 RENESAS-HD74LS244_15 Datasheet
103Kb / 8P
Octal Buffers / Line Drivers / Line Receivers (non inverted three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACS240 AEROFLEX-UT54ACS240 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Inverted Three-State Outputs
UT54ACS244 AEROFLEX-UT54ACS244 Datasheet
232Kb / 10P
Octal Buffers & Line Drivers, Three-State Outputs
UT54ACS541 AEROFLEX-UT54ACS541 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Three-State Outputs
UT54ACTS541E AEROFLEX-UT54ACTS541E Datasheet
139Kb / 9P
Octal Buffers and Line Drivers, Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com