Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT807ATH Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT807ATH
Description  Fast CMOS Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT807ATH Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT807ATH Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT807ATH Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PI49FCT807/2807T
Fast CMOS Clock Driver
2
PS7008C
06/26/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (OvertheOperating Range, TA =–40°Cto+85°C, VCC =5.0V±5%)
Parameters Description
TestConditions(1)
Min.
Typ.(2)
Max.
Units
VOH
OutputHIGHVoltage
VCC=Min.,VIN=VIHorVIL
IOH=–15.0mA
2.4
3.3
V
IOH=48.0mA
0.2
0.5
V
VOL
Output LOW Current
VCC=Min.,VIN=VIHorVIL
IOL=12mA(25Ω)
0.2
0.5
V
VIH
InputHIGHVoltage
GuaranteedLogicHIGHLevel
2.0
V
VIL
Input LOW Voltage
GuaranteedLogicLOWLevel
0.8
V
IIH
InputHIGHCurrent
VCC=Max.
VIN=2.7V
1
µA
IIL
Input LOW Current
VCC=Max.
VIN=0.5V
–1
µA
II
InputHIGHCurrent
VCC=Max.,VIN=VCC(Max.)
20
µA
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC=Max.(3),VOUT=GND
–60
–120
–225
mA
IOFF
Power Down Disable
VCC=GND,VOUT=4.5V
—
—
100
µA
VH
Input Hysteresis
150
mV
Capacitance (TA=25°C,f=1MHz)
Parameters(4)
Description
TestConditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN=0V
6.0
10
pF
COUT
Output Capacitance
VOUT=0V
8
12
pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is determined by device characterization but is not production tested.
Storage Temperature ...........................................................–65°C to +150°C
Ambient Temperature with Power Applied............................ -40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ..... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) .. –0.5V to +7.0V
DC Input Voltage .................................................................. –0.5V to +7.0V
DC Output Current ............................................................................. 120mA
Power Dissipation .................................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the de-
vice. This is a stress rating only and functional opera-
tion of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
MaximumRatings
(Above which the useful life may be impaired. For user guidelines, not tested.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com