Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS4002 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # UT54ACS4002
Description  Dual 4-Input NOR Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS4002 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  UT54ACS4002 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS4002 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS4002 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS4002 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS4002 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS4002 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS4002 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS4002 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS4002 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Notes:
1. Functional tests are conducted in accordance with MIL-STD-883 with the following input test conditions: VIH = VIH(min) + 20%, - 0%; VIL = VIL(max) + 0%, -
50%, as specified herein, for TTL, CMOS, or Schmitt compatible inputs. Devices may be tested using any input voltage within the above specified range, but are
guaranteed to VIH(min) and VIL(max).
2. Supplied as a design limit but not guaranteed or tested.
3. Per MIL-PRF-38535, for current density
≤ 5.0E5 amps/cm2, the maximum product of load capacitance (per output buffer) times frequency should not exceed 3,765
pF/MHz.
4. Not more than one output may be shorted at a time for maximum duration of one second.
5. Capacitance measured for initial qualification and when design changes may affect the value. Capacitance is measured between the designated terminal and VSS at
frequency of 1MHz and a signal amplitude of 50mV rms maximum.
6. Maximum allowable relative shift equals 50mV.
7. All specifications valid for radiation dose
≤ 1E6 rads(Si).
8. Power does not include power contribution of any TTL output sink current.
9. Power dissipation specified per switching output.
10. This value is guaranteed based on characterization data, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com