Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8602 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # VRG8602
Description  Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8602 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  VRG8602 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8602 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8602 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8602 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8602 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8602 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8602 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SCD8601 Rev T 9/9/11
Aeroflex Plainview
NEGATIVE REGULATOR – ELECTRICAL PERFORMANCE CHARACTERISTICS 1/
PARAMETER
SYM
CONDITIONS
MIN
MAX
UNITS
Reference Voltage 4/
VREF
3V < (VIN - VOUT) < VDIFF MAX,10mA < IOUT < IMAX
-1.200
-1.300
V
Line Regulation 2/ 4/3V < (VIN - VOUT) < 30V,
-
0.05
%/V
Load Regulation 2/ 4/
10mA < IOUT < IMAX, VOUT < 5V
-
50
mV
10mA < IOUT < IMAX, VOUT > 5V
-
1.0
%
Thermal Regulation
IOUT = 1.5A, (VIN - VOUT) = 13.3V, 20ms Pulse, 20W,
TC = +25°C
-0.02
%/W
Ripple Rejection
VOUT = -10V, f = 120Hz, CADJ = 10µF
66
-
dB
Adjustment Pin Current 4/IADJ
IOUT = 10mA, 3V < (VIN - VOUT) < 30V
-
100
µA
Adjustment Pin Current
Change 4/
IADJ
10mA < IOUT < IMAX
3V < (VIN - VOUT) < 30V
-5
µA
Minimum Load Current 3/ 4/IMIN
(VIN - VOUT) = 30V
-
5
mA
(VIN - VOUT) < 10V
-
3
Current Limit 4/ 5/IMAX
(VIN - VOUT) < 15V
1.5
-
A
(VIN - VOUT) = 30V, TC = +25°C
0.24
-
Long Term Stability 3/TC = +125°C
-
1
%
Thermal Resistance, each
Regulator
(Junction to Case) 3/
JC
-5
°C/W
Notes:
1/ Unless otherwise specified, these specifications apply for (Vin - Vout) = 5V, Iout = 0.5A and -55°C < Tc < +125°C.
2/ Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation. Measurements taken at the output lead must be adjusted for lead
resistance.
3/ Not tested. Shall be guaranteed to the specified limits.
4/ Specification derated to reflect High Dose Rate (1019 condition A) to 100 krad(Si) and Low Dose Rate (1019 condition D) to 50 krad(Si),
@ +25°C.
5/ Pulsed @ < 10% duty cycle @ +25°C.
VOUT
VIN
VOUT
IOUT
VOUT
TIME



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com