Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8607 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8607
Description  Dual Adjustable Positive Voltage Regulators Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8607 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8607 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8607 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8607 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8607 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8607 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8607 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCD8607 Rev E
Manufactured using
Linear Technology Corporation
® Space Qualified RH117 die
Radiation performance
- Total dose:
100 krads(Si),
Dose rate = 50 - 300 rads(Si)/s
- ELDRS:
50 krads(Si),
Dose rate < 10 mrads(Si)/s
Thermal shutdown
Output voltage adjustable: 1.25V to 37V
3-Terminal
Output current: 1.5A
Voltage reference: 1.25V
Load regulation: 1.9% max
Line regulation: 0.06%/V max
Ripple rejection: >66dB
Packaging – Hermetic metal
- Thru-hole or Surface mount
- 6 Leads, .655"L x .415"W x .200"Ht
- Power package
- Weight - 5 gm max
Designed for aerospace and high reliability space
applications
DESCRIPTION
The Aeroflex Plainview VRG8607/08 consists of two positive (RH117) voltage regulators each capable of supplying
in excess of 1.5Amps over the output voltage range as defined under recommended operating conditions. Each
regulator is exceptionally easy to set-up, requiring only 2 external resistors to set the output voltage. The module
design has been optimized for excellent regulation and low thermal transients. There is full electrical isolation
between the regulators and each regulator to the package.
Further, the VRG8607/08 features internal current limiting, thermal shutdown and safe-area compensation, making
them virtually blowout-proof against overloads. The VRG8607/08 serves a wide variety of applications including
local on-card regulation, programmable output voltage regulation or precision current regulation.
The VRG8607/08 has been specifically designed to meet exposure to radiation environments. The VRG8607 is
configured for a Thru-Hole 6 lead metal power package and the VRG8608 is configured for a Surface Mount 6 lead
metal power package. It is guaranteed operational from -55°C to +125°C. Available screened to MIL-STD-883, the
VRG8607/08 is ideal for demanding military and space applications.
For detailed performance characteristic curves, applications information and typical applications see the
latest
Linear Technology Corporation
® data sheets for their RH/LT117, which is available on-line at
www.linear.com.
VRG8607/08
Radiation Tolerant
5
VIN
ADJ
VOUT
4
3
VIN
ADJ
VOUT
1
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
September 9, 2011
www.aeroflex.com/voltreg
Standard Products
2
6
Dual Adjustable Positive Voltage Regulators
RH117
Positive
Regulator
RH117
Positive
Regulator
FEATURES
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.


Similar Part No. - VRG8607

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8601-201-1S AEROFLEX-VRG8601-201-1S Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8601-201-2S AEROFLEX-VRG8601-201-2S Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8601-7 AEROFLEX-VRG8601-7 Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8601-901-1S AEROFLEX-VRG8601-901-1S Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
More results

Similar Description - VRG8607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
OMR7805 ETC-OMR7805 Datasheet
107Kb / 8P
300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Aeroflex Circuit Techno...
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8609 AEROFLEX-VRG8609 Datasheet
130Kb / 6P
Dual Adjustable Negative Voltage Regulators Radiation Tolerant
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8667 AEROFLEX-VRG8667 Datasheet
409Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8687 AEROFLEX-VRG8687 Datasheet
423Kb / 7P
Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com