Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8653 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # VRG8653
Description  Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8653 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  VRG8653 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8653 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8653 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8653 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8653 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8653 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8653 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8653 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8653 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SCD8653 Rev D 4/10/14
Aeroflex Plainview
FIGURE 7 – BASIC RH1084 POSITIVE ADJUSTABLE REGULATOR APPLICATION
VRG8653/54
VIN
Vout
ADJ
R1
R2
VREF
22µF
Tant.
IADJ = 55µA
VREF = 1.25V,
+Reg = VOUT = VREF (1+R2/R1) + (IADJ x R2)
8
7
1
(RH1084)
10µF
Tant.
FIGURE 8 – BASIC RH1185 NEGATIVE ADJUSTABLE REGULATOR APPLICATION
R1 & R2 LOCATION & PROPER CONNECTION OF
POSITIVE SENSE LEAD
SETTING OUTPUT VOLTAGE
The RH1185 output voltage is set by two external resistors.
Internal reference voltage is trimmed to
2.37V so that a standard 1% 2.37k resistor (R1) can be
used to set divider current at 1mA. R2 is then selected
from:
for R1 = 2.37k and VREF = 2.37V, this reduces to:
V
R2 =
10 -3
OUT – 2.37
suggested values of 1% resistors are shown.
VOUT
R2 WHEN R1 = 2.37k
130
Ω
930
Ω
2.5V
5V
.
3.3V
2.67k
k
6
7
.
9
V
2
1
k
7
.
2
1
V
5
1
R2 =
(VOUT – 2.37) R1
VREF
+
–
R1
*
2.37k
R2
REF
GND
FB
VOUT
V
4
2
5
6
3
IN
RH1185
RLIM
+
+
–
VIN
C1
VOUT
LOAD
PARASITIC
LEAD RESISTANCES
– rb +
IGND
ra
*R1 SHOULD BE CONNECTED DIRECTLY TO GROUND LEAD, NOT TO THE LOAD,
SO THAT ra ≈ 0Ω. THIS LIMITS THE OUTPUT VOLTAGE ERROR TO (IGND)(rb).
ERRORS CREATED BY ra ARE MULTIPLIED BY (1 + R2/R1). NOTE THAT VOUT
INCREASES WITH INCREASING GROUND PIN CURRENT. R2 SHOULD BE CONNECTED
DIRECTLY TO LOAD FOR REMOTE SENSING. C1 = C2 > 2µF Tantalum.
+
C2
VRG8653/54
(RH1185)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com