Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8654 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8654
Description  Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8654 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8654 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8654 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8654 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8654 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8654 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8654 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8654 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8654 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8654 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SCD8653 Rev D
Manufactured using
Space Qualified RH1084 and RH1185 die
Radiation performance
- Total dose
> 100 krad (Si)
Two-Independent voltage regulators
Thermal shutdown
Adjustable Output Voltages
Positive regulator features (RH1084)
– Output voltage adjustable: 1.25V to 23V
– Dropout voltage: 1.80V at 3.0A
– 3-Terminal
– Output current: 3.0A
– Voltage reference: 1.25V +2%, -3.2%
– Load regulation: 0.35% max
– Line regulation: 0.25% max
– Ripple rejection: >60dB
Packaging – Hermetic metal
– Thru-hole or Surface mount
– 8 Leads, .755"L x .415"W x .200"Ht
– Power package
– Weight - 6 gm max
Designed for aerospace and high reliability space
applications
Negative regulator features (RH1185)
– Output voltage adjustable: -2.37 to -25V
– Dropout voltage: 1.05V at 3.0A
– 5-Terminal
– Output current: 3.0A
– Voltage reference: -2.370V ±3.5%
– Load regulation: 0.8% max
– Line regulation: 0.02% max
– Ripple rejection: >60dB
DESCRIPTION
The Aeroflex Plainview VRG8653/54 consists of one Positive Adjustable (RH1084) and one Negative Adjustable
(RH1185) LDO voltage regulator, both capable of supplying 3.0Aover the output voltage range as defined under
recommended operating conditions. The VRG8653/54 offers excellent line and load regulation specifications and
ripple rejection. There is full electrical isolation between the regulators and each regulator to the package.
The VRG8653/54 serves a wide variety of applications including SCSI-2 Active Terminator, High Efficiency Linear
Regulators, Post Regulators for Switching Supplies, Constant Current Regulators, Battery Chargers and
Microprocessor Supply.
The VRG8653/54 has been specifically designed to meet exposure to radiation environments and is configured for a
Thru-Hole 8 lead metal power package and the VRG8654 is configured for a Surface Mount 8 lead metal power
package. It is guaranteed operational from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534,
the VRG8653/54 is ideal for demanding military and space applications.
Dropout (VIN - VOUT) decreases at lower load currents for both regulators.
VIN
ADJ
VOUT
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
April 10, 2014
Standard Products
7
Positive
Regulator
FEATURES
6
GND
VOUT
RH1185
FB
VIN
2
3
5
RH1084
Positive
Regulator
Negative
Regulator
4
RF
8
1
Radiation Tolerant
VRG8653/VRG8654
Dual Voltage Regulator, 3.0Amp, Positive&Negative
Low Dropout (LDO), Adjustable
www.aeroflex.com/voltreg
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
Datasheet


Similar Part No. - VRG8654

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8657-201-1S AEROFLEX-VRG8657-201-1S Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8657-201-2S AEROFLEX-VRG8657-201-2S Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8657-7 AEROFLEX-VRG8657-7 Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8657-901-1S AEROFLEX-VRG8657-901-1S Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
More results

Similar Description - VRG8654

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8666 AEROFLEX-VRG8666 Datasheet
559Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8667 AEROFLEX-VRG8667 Datasheet
409Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8687 AEROFLEX-VRG8687 Datasheet
423Kb / 7P
Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
VRG8697 AEROFLEX-VRG8697 Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com