Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8653-7 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # VRG8653-7
Description  Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8653-7 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

  VRG8653-7 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8653-7 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8653-7 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8653-7 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8653-7 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8653-7 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8653-7 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8653-7 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8653-7 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
www. ae r o f l ex .c om/Hi R el
i n f o -a ms @ a er o f l e x. co m
Aeroflex Plainview, Inc. reserves the right to make changes to any products and
services described herein at any time without notice. Consult Aeroflex or an authorized
sales representative to verify that the information in this data sheet is current before
using this product. Aeroflex does not assume any responsibility or liability arising out
of the application or use of any product or service described herein, except as expressly
agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or
service from Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
EXPORT CONTROL:
This product is controlled for export under the International Traffic in Arms Regulations (ITAR). A license from the U.S. Government is required
prior to the export of this product from the United States.
Our passion for performance is defined by three attributes.
Solution-Minded
Performance-Driven
Customer-Focused
Datasheet Definitions:
Advanced
Product in Development
Preliminary
Shipping Non-Flight Prototypes
Datasheet
Shipping QML and Reduced HiRel
SCD8653 Rev D 4/10/14
For detailed performance characteristic curves, applications information and typical applications see the latest
datasheets for their RH1084 & RH1185, which are available on-line at www.linear.com.
LT, LTC
,
, Linear Technology and the Linear logo are registered trademarks and RH1084 & RH1185 is copyright Linear Technology Corporation.
ORDERING INFORMATION
Model
DLA SMD #
Screening
Package
VRG8653-7
-
Commercial Flow, +25°C testing only
8 Lead
Thru-Hole
Power Pkg
VRG8653-201-1S
5962-1021301KUC
In accordance with DLA SMD
VRG8653-201-2S
5962-1021301KUA
VRG8653-901-1S
5962R1021301KUC
In accordance with DLA Certified RHA Program Plan to RHA
Level "R", 100krads(Si)
VRG8653-901-2S
5962R1021301KUA
VRG8654-7
-
Commercial Flow, +25°C testing only
8 Lead
Surface Mount
Power Pkg
VRG8654-201-1S
5962-1021301KZC
In accordance with DLA SMD
VRG8654-201-2S
5962-1021301KZA
VRG8654-901-1S
5962R1021301KZC
In accordance with DLA Certified RHA Program Plan to RHA
Level "R", 100krads(Si)
VRG8654-901-2S
5962R1021301KZA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com