Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8662 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8662
Description  Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8662 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8662 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8662 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8662 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8662 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8662 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8662 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCD8662 Rev G
❑
Manufactured using
Space Qualified RH1086 die
❑
Radiation performance
- Total dose:
>100 krads(Si), Dose rate = 50 - 300 rads(Si)/s
- ELDRS:
> 50 krads(Si), Dose rate =
0.01 rads(Si)/s
❑ Thermal shutdown
❑ Output voltage adjustable: 1.25V to 23V
❑ Dropout voltage: 1.3V at 1.0Amps
❑ 3-Terminal
❑ Output current: 1.0A (See Note 1, pg 2)
❑ Voltage reference: 1.25V +2%, -3.2%
❑ Load regulation: 0.3% max
❑ Line regulation: 0.25% max
❑ Ripple rejection: >60dB
❑ Packaging – Hermetic Ceramic
- SMD-0.5 Surface mount
- 3 Pads, .400"L x .296"W x .120"Ht
- Power package
- Weight - 2 gm max
❑ Designed for aerospace and high reliability space applications
❑ Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
DESCRIPTION
The Aeroflex Plainview VRG8662 consists of a Positive Adjustable (RH1086) LDO voltage regulator capable of
supplying 1.0Amps over the output voltage range as defined under recommended operating conditions. The VRG8662
offers excellent line and load regulation specifications and ripple rejection. Dropout (VIN - VOUT) decreases at lower
load currents.
The VRG8662 serves a wide variety of applications including SCSI-2 Active Terminator, High Efficiency Linear
Regulators, Post Regulators for Switching Supplies, Constant Current Regulators, Battery Chargers and
Microprocessor Supply.
The VRG8662 has been specifically designed to meet exposure to radiation environments and is configured for a
SMD-0.5 SMT power package. It is guaranteed operational from -55°C to +125°C. Available screened to
MIL-STD-883, the VRG8662 is ideal for demanding military and space applications.
Radiation Tolerant
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
April 24, 2012
www.aeroflex.com/voltreg
Standard Products
FEATURES
VRG8662
Voltage Regulator, 1.0 Amp, Positive
Low Dropout (LDO), Adjustable
2
VIN
ADJ
VOUT
3
1
RH1086
Positive
Regulator


Similar Part No. - VRG8662

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8660-201-1S AEROFLEX-VRG8660-201-1S Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8660-201-2S AEROFLEX-VRG8660-201-2S Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8660-7 AEROFLEX-VRG8660-7 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8660-901-1S AEROFLEX-VRG8660-901-1S Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
More results

Similar Description - VRG8662

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Aeroflex Circuit Techno...
VRG8653 AEROFLEX-VRG8653 Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8666 AEROFLEX-VRG8666 Datasheet
559Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8667 AEROFLEX-VRG8667 Datasheet
409Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8687 AEROFLEX-VRG8687 Datasheet
423Kb / 7P
Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
VRG8697 AEROFLEX-VRG8697 Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com