Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8654-7 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # VRG8654-7
Description  Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8654-7 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  VRG8654-7 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8654-7 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SCD8653 Rev D 4/10/14
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
RH1084
RH1185
Input Voltage
+25
-35
VDC
Lead temperature (soldering 10 Sec)
300
°C
Input Output Differential
25
30
VDC
Load Current, maximum
+6.0
-4.5
A
Feedback & Reference Voltage
-
-7
VDC
Output Voltage
+25
-30
VDC
ESD (MIL-STD-883, M3015, Class 2)
2000 to 3999
V
Operating Junction Temperature Range
-55 to +150
°C
Storage Temperature Range
-65 to +150
°C
Thermal Resistance (Junction to Case)
JC
5°C/W
NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are
stress rating only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure
beyond the "Operation Conditions" may effect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
RH1084
RH1185
Output Voltage Range
1.25 to 23
-2.37 to -25
VDC
Input Output Differential
1.8 to 24
1.05 to 29
VDC
Case Operating Temperature Range
-55 to +125
°C
ELECTRICAL PERFORMANCE CHARACTERISTICS
UNLESS OTHERWISE SPECIFIED: -55°C
TC+125°C
Parameter
Symbol
Conditions (P
PMAX)
Min
Max
Units
RH1084 Positive LDO section only 1/
Reference Voltage 2/, 3/
VREF
1.5V < (VIN - VOUT)< 15V, 10mA < IOUT < 3.0A
1.210
1.275
V
Line Regulation 2/, 3/ILOAD = 10mA, 1.5V < (VIN - VOUT) < 15V
-
0.25
%
Load Regulation 2/, 3/10mA < IOUT < 3.0A, (VIN - VOUT) = 3V
-
0.35
%
Dropout Voltage 2/, 4/
VDROP1 VREF = 1%, IOUT = 5.0A
-1.8
V
Dropout Voltage
VDROP2 VREF = 1%, IOUT = 3.0A
-1.4
V
Adjust Pin Current 2/
-
-
120
µA
Adjust Pin Current Change
2/
-10 mA < IOUT < 3.0A, 1.5V < (VIN - VOUT) < 15V
-
5
µA
Minimum Load Current 5/IMIN
(VIN - VOUT) = 25V
-
10
mA
Current Limit
ICL
(VIN - VOUT) = 5V
5.25
A
Ripple Rejection 3/-
IOUT = 0.5A, (VIN - VOUT) = 3V, f = 120Hz,
CADJ = COUT = 25µF
60
-
dB
Thermal Regulation
-
30ms pulse, TC = +25°C
-
0.04
%/W
VOUT
VIN
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com