Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8666 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8666
Description  Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8666 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8666 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8666 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8666 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8666 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8666 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8666 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCD8666 Rev L
Manufactured using
Space Qualified RH3080 die
Radiation performance
 Total dose: 100 krads(Si), Dose rate = 50 - 300 rads(Si)/s
 ELDRS:
50 krads(Si), Dose rate <
0.01 rads(Si)/s
Current Limit with Foldback and Over-temperature protection
Output voltage adjustable: 0V to 36V
Outputs may be paralleled for higher current
Post Radiated Dropout voltage:
 0.60V @ 1.0Amps
 0.39V @ 0.5Amps
Output current: 1.0Amps
Packaging – Hermetic Ceramic
 Hermetic Surface Mount Power
 5 Pads, .545"L x .296"W x .120"Ht
 Weight - 2.0 gm max
Designed for aerospace and high reliability space applications
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
DESCRIPTION
The Aeroflex Plainview VRG8666 consists of a Positive Adjustable (RH3080) ULDO voltage regulator
capable of supplying 1.0Amps over the output voltage range as defined under recommended operating
conditions. The VRG8666 offers excellent line and load regulation specifications and ripple rejection.
The VRG8666 serves a wide variety of applications including SCSI-2 Active Terminator, High Efficiency
Linear Regulators, Post Regulators for Switching Supplies, Constant Current Regulators, Battery Chargers
and Microprocessor Supply.
The VRG8666 has been specifically designed to meet exposure to radiation environments and is configured
for an SMD power package. It is guaranteed operational from -55°C to +125°C. Available screened to
MIL-STD-883, the VRG8666 is ideal for demanding military and space applications.
Dropout (VIN - VOUT) decreases at lower load currents.
Input capacitance is required for load regulation. 1uF is recommended on Vin and Vcontrol. For stable
operation, a 0.1uF capacitor should be placed on Vset and a low ESR capacitor on Vout. See Figure 5.
For detailed performance characteristic curves, applications information and typical applications see the
latest
Linear Technology Corporation ® data sheets for their RH/LT3080, which is available
on-line at www.linear.com.
Radiation Tolerant
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
February 29, 2016
www.aeroflex.com/voltreg
Standard Products
FEATURES
VRG8666
Voltage Regulator, 1.0 Amp, Positive
Ultra Low Dropout (ULDO), Adjustable
1
IN
SET
OUT
3
5
RH3080
Positive Regulator
2
4
SENSE
VCONTROL
Datasheet


Similar Part No. - VRG8666

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8660-201-1S AEROFLEX-VRG8660-201-1S Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8660-201-2S AEROFLEX-VRG8660-201-2S Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8660-7 AEROFLEX-VRG8660-7 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8660-901-1S AEROFLEX-VRG8660-901-1S Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
More results

Similar Description - VRG8666

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Aeroflex Circuit Techno...
VRG8653 AEROFLEX-VRG8653 Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8667 AEROFLEX-VRG8667 Datasheet
409Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8687 AEROFLEX-VRG8687 Datasheet
423Kb / 7P
Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8697 AEROFLEX-VRG8697 Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com