Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8667 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # VRG8667
Description  Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8667 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  VRG8667 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8667 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8667 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8667 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8667 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8667 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8667 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SCD8667 Rev C 3/17/14
Aeroflex Plainview
FIGURE 6 – VRG8667 PACKAGE OUTLINE — THRU-HOLE POWER PACKAGE
ø.145 THRU
.415
.2075
R.065 TYP.
4 PLCS
±.003
.220 MAX.
±.005
.040
±.002
.030 DIA.
.150 REF.
2° MAX.
±.020
.720
MEASURED
LEAD TIP
IDENT
–A–
–C–
ø.010 B C A
M
ø.010
C B A
TABLE I – PIN NUMBERS vs FUNCTION
PIN
FUNCTION
1VCONTROL_1
2VIN_1
3VCONTROL_2
4VIN_2
5OUT_2
6SET_2
7OUT_1
8SET_1
2x .028
M
ø.010
C B A
.230 MIN
Notes:
1. Dimension Tolerance: ±.005 inches
2. Package contains BeO substrate
3. Case electrically isolated
.122
MAX.
.108
.300
.100
.755
.515
ESD/PIN 1
–B–
4
5
6
7
3
2
8
1
.632
.090
8X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com