Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8684 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # VRG8684
Description  Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8684 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  VRG8684 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8684 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8684 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8684 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8684 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8684 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SCD8684 Rev C 10/2/12
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Lead temperature (soldering 10 Sec)
300
°C
Input Output Differential
25
VDC
Load Current, maximum
6.0
A
ESD (MIL-STD-883, M3015, Class 2)
2000 to 3999
V
Operating Junction Temperature Range
-55 to +150
°C
Storage Temperature Range
-65 to +150
°C
Thermal Resistance (Junction to Case)
JC
2°C/W
NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are
stress rating only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure
beyond the "Operation Conditions" may effect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
Output Voltage Range
1.25 to 23
VDC
Input Output Differential
1.8 to 24
VDC
Case Operating Temperature Range
-55 to +125
°C
ELECTRICAL PERFORMANCE CHARACTERISTICS 1/
UNLESS OTHERWISE SPECIFIED: -55°C
TC+125°C
Parameter
Symbol
Conditions (P
PMAX)
Min
Max
Units
Reference Voltage 3/, 2/
VREF
1.5V < (VIN - VOUT) < 15V, 10mA < IOUT < 3.0A
1.210 1.275
V
Dropout Voltage 2/
VDROP1 VREF = 1%, IOUT = 5.0A
-1.8
V
Dropout Voltage 2/
VDROP2 VREF = 1%, IOUT = 3.0A
1.4
V
Line Regulation 3/, 2/ILOAD = 10mA, 1.5V < (VIN - VOUT) < 15V
-
0.5
%
Load Regulation 3/, 2/10mA < IOUT < 3.0A, (VIN - VOUT) = 3V
-
0.35
%
Adjust Pin Current 2/
-120
µA
Adjust Pin Current
Change 2/
10 mA < IOUT < 3.0A, 1.5V < (VIN - VOUT) < 15V
-
5
µA
Minimum Load Current
4/, 2/
IMIN
(VIN - VOUT) = 25V
-
10
mA
Current Limit 2/ICL
(VIN - VOUT) = 5V
5.25
A
Ripple Rejection 3/
IOUT = 3.0A, (VIN - VOUT) = 3V, f = 120Hz,
CADJ = COUT = 25µF
60
-
dB
Thermal Regulation
30ms pulse, TC = +25°C
-
0.04
%/W
VREF Long-Term Stability
4/
Burn In: TC = +125°C @ 1000hrs minimum, Tested at +25°C.
-
1.0
%
Notes:
1/ The manufacturer’s output current rating for the RH1084MK positive regulator integrated circuit is 5.0 Amps. For Compliance with
the Current Density specifictation of MIL-STD-883 Rev. C, the electrical performance characteristics are specified at an output
current of 3.0 Amps.
2/ Specification derated to reflect total dose exposure to 100krads (Si) at +25°C.
3/ Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
input/output differential voltage and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output voltage range.
4/ Not tested. Shall be guaranteed by design, characterization, or correlation to other tested parameters.
VOUT
VIN
VOUT
IOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com