Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8688 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # VRG8688
Description  Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8688 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  VRG8688 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8688 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8688 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8688 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8688 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8688 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8688 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SCD8687 Rev C 4/9/14
Aeroflex Plainview
FIGURE 3 – RH1084 SHORT CIRCUIT CURRENT
The maximum Power dissipation is limited by the thermal shutdown function of each regulator chip in the
VG8687/8688. The graph above represents the achievable power before the chip shuts down. The first line in the
graph represents the maximum power dissipation of the VG8687/8688 with one regulator on (the other off) and the
other line represents both regulators on dissipating equal power. If both regulators are on and one regulator is
dissipating more power that the other, the maximum power dissipation of the VG8687/8688 will fall between the two
lines. This graph is based on the maximum junction temperature of 150°C and a thermal resistance (
JC) of 5°C/W.
60
50
40
30
20
10
0
2040
6080
100
120
140
Case Temperature (°C)
1 Regulator
0
Both Regulators
Maximum Power
Dissipation
(Watts)
FIGURE 2 – MAXIMUM POWER vs CASE TEMPERATURE
See Note 1/ on page 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com