Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8697 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # VRG8697
Description  Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8697 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  VRG8697 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8697 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8697 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8697 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8697 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8697 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8697 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCD8697 Rev E
Manufactured using
Space Qualified RH3083 die
Radiation performance
 Total dose:
100 krads(Si), Dose rate = 50 - 300 rads(Si)/s
 ELDRS:
50 krads(Si), Dose rate <
0.01 rads(Si)/s
Two-Independent voltage regulators
Current Limit with Foldback
Over-temperature protection
Input voltage range: 1.0V to 23V
Output voltage adjustable: 0V to 22V
Outputs may be paralleled for higher current
Post Radiated Dropout voltage, VCONTROL > 2.0V:
 0.75V @ 2.5Amps
 0.28V @ 1.0Amps
Output current: 2.5Amps
Packaging – Hermetic Meter Power Package
 Thru-hole or Surface mount
 8 Leads, .755"L x .415"W x .200"Ht
 Weight - 6 gm max
Designed for aerospace and high reliability space applications
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
DESCRIPTION
The Aeroflex Plainview VRG8697/8698 consists of two Positive Adjustable (RH3083) ULDO voltage
regulators each capable of supplying 2.5Amps over the output voltage range as defined under
recommended operating conditions. The VRG8697/8698 offers excellent line and load regulation
specifications and ripple rejection. There is full electrical isolation between the regulators and each
regulator to the package.
The VRG8697/8698 has been specifically designed to meet exposure to radiation environments. The
VRG8697 is configured for a Thru-Hole 8 lead metal power package and the VRG8698 is configured for a
Surface Mount 8 lead metal power package. It is guaranteed operational with a case operating temperature
from -55°C to +125°C. Available screened in accordance with MIL-PRF-38534, the VRG8697/8698 is
ideal for demanding military and space applications.
Dropout (VIN - VOUT) decreases at lower load currents for both regulators.
Radiation Tolerant
FIGURE 1 – BLOCK DIAGRAM / SCHEMATIC
December 10, 2015
www.aeroflex.com/voltreg
Standard Products
FEATURES
VRG8697/VRG8698
Dual Voltage Regulator, 2.5 Amp, Positive
Ultra Low Dropout (ULDO), Adjustable
6
SET_2
OUT_2
3
8
SET_1
VCONTROL_1
OUT_1
1
2
4
RH3083
Positive
Regulator
RH3083
Positive
Regulator
7
5
VIN_2
VIN_1
VCONTROL_2
Datasheet


Similar Part No. - VRG8697

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
VRG8691-201-1S AEROFLEX-VRG8691-201-1S Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
VRG8691-201-2S AEROFLEX-VRG8691-201-2S Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
VRG8691-7 AEROFLEX-VRG8691-7 Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
VRG8691-901-1S AEROFLEX-VRG8691-901-1S Datasheet
393Kb / 10P
Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
More results

Similar Description - VRG8697

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Aeroflex Circuit Techno...
VRG8653 AEROFLEX-VRG8653 Datasheet
514Kb / 9P
Dual Voltage Regulator, 3.0 Amp, Positive and Negative Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8657 AEROFLEX-VRG8657 Datasheet
335Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
Adjustable Regulator Positive Voltage Radiation Tolerant
VRG8662 AEROFLEX-VRG8662 Datasheet
280Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8666 AEROFLEX-VRG8666 Datasheet
559Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8667 AEROFLEX-VRG8667 Datasheet
409Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8684 AEROFLEX-VRG8684 Datasheet
454Kb / 6P
Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
VRG8687 AEROFLEX-VRG8687 Datasheet
423Kb / 7P
Dual Voltage Regulator, 3.0 Amp, Positive Low Dropout (LDO), Adjustable Radiation Tolerant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com