Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8698 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # VRG8698
Description  Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8698 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  VRG8698 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8698 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8698 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8698 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8698 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8698 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8698 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SCD8697 Rev E 12/10/15
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter (Voltage is Relative to VOUT)Rating
Units
Input Voltage (No Overload or Short Circuit)
+23
VDC
VCONTROL
+28
VDC
Output Short Circuit Duration
Indefinite
-
Lead temperature (soldering 10 Sec)
300
°C
Input Output Differential
18
VDC
ESD 1/
2,000 - 3,999
V
Operating Junction Temperature Range
-55 to +150
°C
Storage Temperature Range
-65 to +150
°C
Thermal Resistance (Junction to Case)
JC
4°C/W
1/ Meets ESD testing per MIL-STD-883, method 3015, Class 2.
NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are
stress rating only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure
beyond the "Operation Conditions" may effect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
Output Voltage Range
0 to 22
VDC
Input Output Differential
0.5 to 18
VDC
Case Operating Temperature Range
-55 to +125
°C
Input Voltage (Voltages are Relative to VOUT)
1 to 23
V
VCONTROL (Voltages are Relative to VOUT)
1.6 to 28
V
ELECTRICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: -55°C < Tc < +125°C.
Parameter
Symbol
Conditions (P < PMAX
)
Min
Max
Units
Set Pin Current
IREF1
1.0mA < ILOAD < 2.5A, VIN > 2V, VCONTROL > 3V
49.0
51.5
µA
Set Pin Current 1/
IREF2
VIN = 2V, VCONTROL = 3V, ILOAD = 1mA, TC = 25°C
49
51
µA
Output Offset Voltage
(VOUT - VSET) 1/
VOS
VIN = 2V, VCONTROL = 3V, ILOAD = 1mA,
-6.0
6.0
mV
Line Regulation 1/
VOS
1V < VIN < 23V, 2V < VCONTROL < 25V,
ILOAD = 1mA, TC = +25
C
-0.07
0.07
mV/V
Load Regulation 1/
VOS
(VIN - VOUT) = 3V, ILOAD = 5mA to 2.5A, TC = 25°C
-10.0
10.0
mV
VCONTROL Dropout Voltage
2/
VcDROP
ILOAD = 2.5A
-
1.65
V
ILOAD = 1.0A
1/
-
1.60
VIN Dropout Voltage 2/VINDROP
ILOAD = 2.5A
-
0.75
V
ILOAD = 1.0A
1/
-
0.28
Current Limit 3/IMAX
VIN = VCONTROL = +5V, VSET = 0V, VOUT = +0.4V
2.6
-
A
Minimum Load Current 1/ 4/IMIN
VCONTROL = 25V, VIN = 23V
-
1.0
mA
Ripple Rejection
-
ILOAD = 0.2A, (VIN - VOUT) = 3V, f = 120Hz,
COUT = 10µF, CSET = 0.1µF
60
-
dB
Notes:
1/ Specification derated to reflect Total Dose exposure to 100 Krad (Si) @+25°C.
2/ Dropout results from either minimum control voltage, VCONTROL, or minimum input voltage, VIN, both specified with respect to
VOUT. These specifications represent the minimum input-to-output differential voltage required to maintain regulation.
3/ Pulsed @ <10% duty cycle @ +25°C for characterization only.
4/ Not tested. Shall be guaranteed to the specified limits.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com