Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F827 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F827
Description  10-Bit Buffers/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F827 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74F827 Datasheet HTML 1Page - National Semiconductor (TI) 74F827 Datasheet HTML 2Page - National Semiconductor (TI) 74F827 Datasheet HTML 3Page - National Semiconductor (TI) 74F827 Datasheet HTML 4Page - National Semiconductor (TI) 74F827 Datasheet HTML 5Page - National Semiconductor (TI) 74F827 Datasheet HTML 6Page - National Semiconductor (TI) 74F827 Datasheet HTML 7Page - National Semiconductor (TI) 74F827 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
IZZ
Bus Drainage Test
500
m
A
00V
VOUT e 525V
ICCH
Power Supply Current (’F827)
30
45
mA
Max
VO e HIGH
ICCL
Power Supply Current (’F827)
60
90
mA
Max
VO e LOW
ICCZ
Power Supply Current (’F827)
40
60
mA
Max
VO e HIGH Z
ICCH
Power Supply Current (’F828)
14
20
mA
Max
VO e HIGH
ICCL
Power Supply Current (’F828)
56
85
mA
Max
VO e LOW
ICCZ
Power Supply Current (’F828)
35
50
mA
Max
VO e HIGH Z
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
10
30
55
10
75
10
65
ns
tPHL
Data to Output (’F827)
15
33
55
15
70
15
60
tPLH
Propagation Delay
10
30
50
10
55
ns
tPHL
Data to Output (’F828)
10
20
40
10
40
tPZH
Output Enable Time
30
57
90
25
100
25
95
ns
tPZL
OE to On
35
68
115
30
125
30
120
tPHZ
Output Disable Time
15
33
80
15
90
15
85
ns
tPLZ
OE to On
10
35
80
10
90
10
85
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
827828
S
C
X
Temperature Range Family
Special Variations
74FeCommercial
X e Devices shipped in 13 reel
54FeMilitary
Temperature Range
Device Type
CeCommercial (0 Cto a70 C)
MeMilitary (b55 Cto a125 C)
Package Code
SP e Slim Plastic DIP
SD e Slim Ceramic DIP
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline (SOIC)
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com