Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT90LS4433
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT90LS4433 Datasheet HTML 85Page - ATMEL Corporation AT90LS4433 Datasheet HTML 86Page - ATMEL Corporation AT90LS4433 Datasheet HTML 87Page - ATMEL Corporation AT90LS4433 Datasheet HTML 88Page - ATMEL Corporation AT90LS4433 Datasheet HTML 89Page - ATMEL Corporation AT90LS4433 Datasheet HTML 90Page - ATMEL Corporation AT90LS4433 Datasheet HTML 91Page - ATMEL Corporation AT90LS4433 Datasheet HTML 92Page - ATMEL Corporation AT90LS4433 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
89
AT90S/LS4433
1042H–AVR–04/03
G: Write Data High Byte
1.
Set BS to “1”. This selects high data.
2.
Give WR a negative pulse. This starts programming of the data byte. RDY/BSY
goes low.
3.
Wait until RDY/BSY goes high to program the next byte.
(See Figure 64 for signal waveforms.)
The loaded command and address are retained in the device during programming. For
efficient programming, the following should be considered:
•
The command needs to be loaded only once when writing or reading multiple
memory locations.
•
Address High Byte needs to be loaded only before programming a new 256-word
page in the Flash.
•
Skip writing the data value $FF, that is, the contents of the entire Flash and
EEPROM after a Chip Erase.
These considerations also apply to EEPROM programming and Flash, EEPROM and
signature bytes reading.
Figure 63. Programming the Flash Waveforms
$10
ADDR. HIGH
ADDR. LOW
DATA LOW
DATA
XA1
XA0
BS
XTAL1
WR
RDY/BSY
RESET
OE
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com