Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT807TQB Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT807TQB
Description  Fast CMOS Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT807TQB Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT807TQB Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT807TQB Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT807TQB Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT807TQB Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT807TQB Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT807TQB Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI49FCT807/2807T
Fast CMOS Clock Driver
3
PS7008C
06/26/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PowerSupplyCharacteristics
Parameters Description
TestConditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power
VCC=Max.
VIN=GND
3
30
µA
Supply Current
or Vcc
∆
ICC
Supply Current per
VCC=Max.,
VIN=3.4V(3)
0.5
1.5
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC = Max., Outputs Open
VIN=VCC
0.4
0.6
mA/
Input per MHz(4)
50% Duty Cycle,
VIN=GND
MHz
One Input Toggling
IC
Total Power Supply
VCC = Max., Outputs Open
VIN=VCC
20
30(5)
mA
Current(6)
fCP = 50 MHZ,VIN=GND
50% Duty Cycle
VIN=3.4V
20.7
33(5)
VIN=GND
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
6. IC =IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC + ∆ICC DHNT + ICCD (fCP/2 + fINI)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fI = Input Frequency
NI = Number of Inputs at fI
All currents are in milliamps and all frequencies are in megahertz.
SwitchingCharacteristicsoverOperatingRange
807/2807T
807AT
807BT
807CT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max. Units
tPLH
PropagationDelay
CL = 50pF
1.5
4.5
1.5
4.0
1.5
3.8
1.5
3.5
ns
tPHL
A TO BN
RL = 500Ω
tSK(o)
Skewbetweentwooutputs
—
0.5
—
0.5
—
0.35
—
0.25
ns
ofsamepackage(3)
tSK(p)
Skewbetweenopposite
—
0.5
—
0.5
—
0.35
—
0.35
ns
transitionsofsame
output (|tPHL — tPLH|)(3)
tSK(t)
Skewbetweenoutputsof
—
1.0
—
1.0
—
0.75
—
0.75
ns
differentpackageatsame
powersupply,temperature
andspeedgrade(3)
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com