Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF50Z Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # REF50Z
Description  5V MICROPOWER PRECISION REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

REF50Z Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  REF50Z Datasheet HTML 1Page - List of Unclassifed Manufacturers REF50Z Datasheet HTML 2Page - List of Unclassifed Manufacturers REF50Z Datasheet HTML 3Page - List of Unclassifed Manufacturers REF50Z Datasheet HTML 4Page - List of Unclassifed Manufacturers REF50Z Datasheet HTML 5Page - List of Unclassifed Manufacturers REF50Z Datasheet HTML 6Page - List of Unclassifed Manufacturers REF50Z Datasheet HTML 7Page - List of Unclassifed Manufacturers REF50Z Datasheet HTML 8Page - List of Unclassifed Manufacturers REF50Z Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
REF50Z/50D
2
REF 50Z
REF50D
REF25Z
Note 2
REF25D
1kHz tp 10kHz
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated)
T
amb = 25°C, IREF = 150µA
Output voltage
Slope resistance (Note 1)
Turn-on (knee) current
Recommended operating
current range
Temperature coefficient
(Note 2)
RMS noise voltage
Turn-on time
Turn-off time
Turn-on time
Turn-off time
V
REF
R
REF
I
ON
I
REF
TC V
REF
E
N
T
ON
T
OFF
T
ON
T
OFF
4.925
0.06
5.00
3.0
3.0
40
35
35
13
80
7
65
2
5.075
3.5
3.5
5.0
110
80
V
µA
µA
ppm/
°C
ppm/
°C
µV
µs
µs
µs
µs
Characteristics
Symbol
Units
Conditions
Value
Min.
Typ.
Max.
NOTES
1. Slope resistance (R
REF)
Slope resistance is defined as
R
REF = Change in VREF over a specified current range
The change in reference current
2. Reference voltage temperature coefficient (TC VREF)
This is the normalised reference voltage change over temperature, divided by the change in temperature.
It is expressed in ppm/
°C
TC V
REF
=
∆V
REF X 10
6
ppm/
°C
V
REF X ∆T
∆T = temperature change in °C
∆V
REF = change in reference voltage over temperature change ∆T
I
REF = 150µA
to 5mA
I
REF = 500µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com