Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF50D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # REF50D
Description  5V MICROPOWER PRECISION REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

REF50D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  REF50D Datasheet HTML 1Page - List of Unclassifed Manufacturers REF50D Datasheet HTML 2Page - List of Unclassifed Manufacturers REF50D Datasheet HTML 3Page - List of Unclassifed Manufacturers REF50D Datasheet HTML 4Page - List of Unclassifed Manufacturers REF50D Datasheet HTML 5Page - List of Unclassifed Manufacturers REF50D Datasheet HTML 6Page - List of Unclassifed Manufacturers REF50D Datasheet HTML 7Page - List of Unclassifed Manufacturers REF50D Datasheet HTML 8Page - List of Unclassifed Manufacturers REF50D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
REF50Z/REF50D
5V MICROPOWER PRECISION REFERENCE
JUNE 1993
The REF50Z and REF50D are integrated circuits using
the bandgap principle to provide a precise stable reference
voltage of 5V. There are two package options available:
REF50Z in a plastic 3-pin TO-92 and REF50D in a miniature
surface mount package (MP8).
These references feature a recommended operating cur-
rent of 60
µA to 5mA which make them ideal for all low power
and battery applications.
DS2427 - 1.0
FEATURES
s
Low Knee Current - typically 40 microamps
s
Ideal for Battery Operation - 300 microwatts
s
Internally Shaped
s
REF50Z - 3 lead TO-92 Plastic Package
s
REF50D - Miniature Plastic Surface Mount Package
(MP8)
s
Tight Initial V
REF
Tolerance
±1.5%
s
Low Temperature Coefficient
s
Low Slope Resistance
s
Operation over Industrial Temperature Range
Device Type
Operating Temperature
Package
REF50Z
-40
°C to +85°C
TO-92
REF50D
-40
°C to +85°C
MP8
ORDERING INFORMATION
Fig.1 Pin connection
ABSOLUTE MAXIMUM RATINGS
Reference current
5mA
Operating temperature range:
REF50Z
-40 to +85
°C
REF50D
-40 to +85
°C
Storage temperature
-55 to +125
°C
Storage temperature for a max. time of 10ns:
within 1.59mm of seating plane
300
°C
within 0.80mm of seating plane
265
°C
Fig.2 Internal connections



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com