Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F825LM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F825LM
Description  8-Bit D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F825LM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F825LM Datasheet HTML 1Page - National Semiconductor (TI) 54F825LM Datasheet HTML 2Page - National Semiconductor (TI) 54F825LM Datasheet HTML 3Page - National Semiconductor (TI) 54F825LM Datasheet HTML 4Page - National Semiconductor (TI) 54F825LM Datasheet HTML 5Page - National Semiconductor (TI) 54F825LM Datasheet HTML 6Page - National Semiconductor (TI) 54F825LM Datasheet HTML 7Page - National Semiconductor (TI) 54F825LM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9597
December 1994
54F74F825
8-Bit D-Type Flip-Flop
General Description
The ’F825 is an 8-bit buffered register It has Clock Enable
and Clear features which are ideal for parity bus interfacing
in high performance microprogramming systems Also in-
cluded in the ’F825 are multiple enables that allow multi-
user control of the interface
The ’F825 is functionally and pin compatible with AMD’s
Am29825
Features
Y
TRI-STATE
output
Y
Clock enable and clear
Y
Multiple output enables
Y
Direct replacement for AMD’s Am24825
Commercial
Military
Package
Package Description
Number
74F825SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F825SDM (Note 2)
J24F
24-Lead (0300 Wide) Ceramic Dual-In-Line
74F825SC (Note 1)
M24B
24-Lead (0300 Wide) Molded Small Outline JEDEC
54F825FM (Note 2)
W24C
24-Lead Cerpack
54F825LM (Note 2)
E28A
24-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e SDMQB FMQB and LMQB
Logic Symbols
TLF9597 – 1
IEEEIEC
TLF9597 – 4
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 54F825LM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F821 NSC-54F821 Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
54F821FM NSC-54F821FM Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
54F821LM NSC-54F821LM Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
54F823 NSC-54F823 Datasheet
158Kb / 8P
9-Bit D-Type Flip-Flop
More results

Similar Description - 54F825LM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
8-Bit D Flip-Flop
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
16-bit D-type flip-flop
1998 Feb 27
logo
Fairchild Semiconductor
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
9-Bit D-Type Flip-Flop
74ACT825 FAIRCHILD-74ACT825 Datasheet
74Kb / 7P
8-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
10-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
9-Bit D-Type Flip-Flop
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
8-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
9-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821_00 Datasheet
59Kb / 6P
10-Bit D-Type Flip-Flop
74F825 FAIRCHILD-74F825_00 Datasheet
63Kb / 6P
8-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com