Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2820D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT2820D
Description  CMOS LSI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT2820D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT2820D Datasheet HTML 1Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 2Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 3Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 4Page - List of Unclassifed Manufacturers RT2820D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RT2820D
2-Sound Generator
2001.05.23
Preliminary
Rato
2
腳位功能描述
腳位功能描述
腳位功能描述
腳位功能描述(PIN DESCRIPTION) :
Pad No.
Pad Name
I/O
Function
1
TEST3
I
IC 測試腳。
2
VSS
O
接㆞端。
3
N.C.
-
空腳。
4
OUT
O
聲音頻率輸出腳,外接喇叭的驅動電晶體。
5
ENV
I
外接提供 RC envelope 效應。
6
VDD
I
電壓正端(+3.0V)
7
N.C.
-
空腳。
8
N.C.
-
空腳。
9
KEY1
I
KEY1 的輸入腳。
10
KEY2
I
KEY2 的輸入腳。
11
OSCO
12
OSCI
震盪頻率輸入及輸出腳,本顆 IC 已內建電容,故僅需外接電
阻即可。
13
TEST1
IC 測試腳。
14
TEST2
IC 測試腳。



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com